Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CFAA-R7 Datasheet(PDF) 60 Page - Nordic Semiconductor

Part # NRF51822-CFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAA-R7 Datasheet(HTML) 60 Page - Nordic Semiconductor

Back Button NRF51822-CFAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 64Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 130 page
background image
Page 60
nRF51822 Product Specification v3.3
8.11
GPIO Tasks and Events (GPIOTE) specifications
Table 50 GPIOTE specifications
Note: Setting up one or more GPIO DETECT signals to generate PORT EVENT, which can be used
either as a wakeup source or to give an interrupt, will not lead to an increase of the current
consumption.
Symbol
Description
Min.
Typ.
Max.
Units
Test
level
IGPIOTE,IN
Run current with 1 or more GPIOTE active channels
in Input mode.
22
μA
1
IGPIOTE,OUT
Run current with 1 or more GPIOTE active channels
in Output mode.
0.1
μA
1
IGPIOTE,IDLE
Run current when all channels are in Idle mode.
PORT event can be generated with a delay of up to
t1V2.
0.1
μA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com