Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CFAA-R7 Datasheet(PDF) 30 Page - Nordic Semiconductor

Part # NRF51822-CFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAA-R7 Datasheet(HTML) 30 Page - Nordic Semiconductor

Back Button NRF51822-CFAA-R7 Datasheet HTML 26Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 27Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 28Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 29Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 30Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 34Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 130 page
background image
Page 30
nRF51822 Product Specification v3.3
3.6.2
32.768 kHz crystal oscillator
The 32.768 kHz crystal oscillator is designed for use with a quartz crystal in parallel resonant mode. To
achieve correct oscillation frequency, the load capacitance must match the specification in the crystal data
sheet. Figure 8 shows how the crystal is connected to the 32.768 kHz crystal oscillator.
Figure 8 Circuit diagram of the 32.768 kHz crystal oscillator
The load capacitance (CL) is the total capacitance seen by the crystal across its terminals and is given by:
C1’ = C1 + C_pcb1 + C_pin
C2’ = C2 + C_pcb2 + C_pin
C1 and C2 are ceramic SMD capacitors connected between each crystal terminal and ground. C_pcb1 and
C_pcb2 are stray capacitances on the PCB. C_pin is the pin input capacitance on the XC1 and XC2 pins, see
Section 8.1.5 “32.768 kHz crystal oscillator (32k XOSC)” on page 43. The load capacitors C1 and C2 should
have the same value. See Chapter 11 “Reference circuitry” on page 79 for the capacitance value used for
C_pcb1 and C_pcb2 in reference circuitry.
3.6.3
32.768 kHz RC oscillator
The 32.768 kHz RC low frequency oscillator may be used as an alternative to the 32.768 kHz crystal oscillator.
It has a frequency accuracy of less than ± 250 ppm in a stable temperature environment or when calibration
is periodically performed in changing temperature environments. The 32.768 kHz RC oscillator does not
require external components.
C1
C2
32.768 kHz
crystal
XL1
XL2
CL
C1' C2'

C1' C2'
+

----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com