Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CFAA-R7 Datasheet(PDF) 61 Page - Nordic Semiconductor

Part # NRF51822-CFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAA-R7 Datasheet(HTML) 61 Page - Nordic Semiconductor

Back Button NRF51822-CFAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 64Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 65Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
Page 61
nRF51822 Product Specification v3.3
8.12
Analog to Digital Converter (ADC) specifications
Note: HFCLK XOSC is required to get the stated ADC accuracy.
Table 51 Analog to Digital Converter (ADC) specifications
Symbol
Description
Note
Min.
Typ.
Max.
Units
Test
level
DNL10b
Differential non-linearity
(10 bit mode).
< 1
LSB
2
INL10b
Integral non-linearity
(10 bit mode).
2
LSB
2
VOS
Offset error.
-2
+2
%
2
eG
Gain error.
1
1. Source impedance less than 5 k
Ω.
-2
+2
%
2
VREF_VBG
Internal Band Gap reference
voltage (VBG).
1.20 V
V
2
VREF_VBG_ERR
Internal Band Gap reference
voltage error.
-1.5
+1.5
%
2
TCREF_VBG_DRIFT
Internal Band Gap reference
voltage drift.
-200
+200
ppm/°C
2
VREF_EXT
External reference voltage
(AREF0/1).
0.83
1.2
1.3
V
1
VREF_VDD_LIM
Limited supply voltage range for
ADC using VDD with prescaler as
the reference.
CONFIG.REFSEL =
SupplyOneHalfPrescaling
CONFIG.REFSEL =
SupplyOneThirdPrescaling
1.7
2.5
2.6
3.6
V
V
1
1
tADC10b
Time required to convert a single
sample in 10 bit mode.
68
μs
1
tADC9b
Time required to convert a single
sample in 9 bit mode.
36
μs
1
tADC8b
Time required to convert a single
sample in 8 bit mode.
20
μs
1
IADC
Current drawn by ADC during
conversion.
260
μA
1
ADC_ERR_1V8
Absolute error when used for
battery measurement at
1.8 V, 2.2 V, 2.6 V, 3.0 V, and
3.4 V.
2
2. Internal reference, input from VDD/3, 10 bit mode.
3
LSB
2
ADC_ERR_2V2
2
LSB
2
ADC_ERR_2V6
1
LSB
2
ADC_ERR_3V0
1
LSB
2
ADC_ERR_3V4
1
LSB
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com