Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF51822-CFAA-R7 Datasheet(PDF) 35 Page - Nordic Semiconductor

Part # NRF51822-CFAA-R7
Description  Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF51822-CFAA-R7 Datasheet(HTML) 35 Page - Nordic Semiconductor

Back Button NRF51822-CFAA-R7 Datasheet HTML 31Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 32Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 33Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 34Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 35Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 36Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 37Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 38Page - Nordic Semiconductor NRF51822-CFAA-R7 Datasheet HTML 39Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 130 page
background image
Page 35
nRF51822 Product Specification v3.3
4.9
Temperature sensor (TEMP)
The temperature sensor measures die temperature over the temperature range of the device with 0.25° C
resolution.
4.10
Serial Peripheral Interface (SPI/SPIS)
The SPI interfaces enable full duplex synchronous communication between devices. They support a three-
wire (SCK, MISO, MOSI) bi-directional bus with fast data transfers. The SPI Master can communicate with
multiple slaves using individual chip select signals for each of the slave devices attached to a bus. Control of
chip select signals is left to the application through use of GPIO signals. SPI Master has double buffered I/O
data. The SPI Slave includes EasyDMA for data transfer directly to and from RAM allowing Slave data
transfers to occur while the CPU is IDLE.
The GPIOs used for each SPI interface line can be chosen from any GPIO on the device and are
independently configurable. This enables great flexibility in device pinout and efficient use of printed circuit
board space and signal routing.
The SPI peripheral supports SPI mode 0, 1, 2, and 3.
Table 15 SPI properties
4.10.1
Enable 4 Mbps SPIS bit rate
In order to utilize 4 Mbps bit rate for SPIS, the SPIS must be the only peripheral using a specific RAM section.
Construction of RAM sections are described in Section 3.2.2 “RAM organization” on page 22. If other
peripherals than SPIS use a specific RAM section, only 2 Mbps bit rate is possible.
4.11
Two-wire interface (TWI)
The two-wire interface can communicate with a bi-directional wired-AND bus with two lines (SCL, SDA). The
protocol makes it possible to interconnect up to 127 individually addressable devices. The interface is
capable of clock stretching, supporting data rates of 100 kbps and 400 kbps.
The GPIOs used for each two-wire interface line can be chosen from any GPIO on the device and are
independently configurable. This enables great flexibility in device pinout and efficient use of board space
and signal routing.
Table 16 Two-wire properties
Instance
Master/Slave
SPI0
Master
SPI1
Master
SPIS1
Slave
Instance
Master/Slave
TWI0
Master
TWI1
Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com