Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2998MAX/NOPB Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # LP2998MAX/NOPB
Description  ECP5 Versa Development Board User Guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LP2998MAX/NOPB Datasheet(HTML) 3 Page - Lattice Semiconductor

  LP2998MAX/NOPB Datasheet HTML 1Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 2Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 3Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 4Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 5Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 6Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 7Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 8Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
ECP5 Versa Development Board
®
The contents of this user guide include top-level functional descriptions of the various portions of the evaluation
board, descriptions of the on-board connectors, diodes and switches and a complete set of schematics.
*Note: The ECP5 FPGA supports DDR3 memory at data rates up to 800 Mbps.
Caution: The ECP5 Versa Development Board contains ESD-sensitive components. ESD safe practices should be
followed while handling and using the evaluation board.
ECP5 Device
This board features an ECP5 FPGA with a 1.1 V core supply. It can accommodate all pin-compatible ECP5 devices
in the 381 ball caBGA package. A complete description of this device can be found in FPGA-DS-02012, ECP5
Family Data Sheet.
Note: The connections referenced in this document refer to the LFE5UM-45F-8BG381C device.
Applying Power to the Board
The ECP5 Versa Development Board is ready to power on. The board can be supplied with power from a PCI
Express host system or standalone with an external wall power module.
The 12 V DC input power source is fused with a surface mounted fuse, as noted in Table 1.
Table 1. Board Power Supply Fuses (See Appendix A, Sheet 2, Figure 11- Voltage Regulators)
Fuse Designator
Description
F1
12 V Input Supply Fuse
The board may be plugged into a host PC. Only plug the board into a PCI Express slot when the system is powered
off. Once inserted, the PC can be safely powered on.
Using the evaluation board outside of a PC chassis supply requires the factory-supplied wall supply module. Use of
other supplies is not suggested.
Figure 2. Power Distribution Scheme (See Appendix A, Sheet 2, Figure 11- Voltage Regulators)
12 V, 5 A fused
Status LED: D13
VCC Core: 1.1 V, 1.35 A
Status LED: D10
1.5 V, 1.1 A
Status LED: D11
3.3 V, 1.35 A
Status LED: D9
2.5 V, 1.1 A
Status LED: D31
SERDES VCCHTX0: 1.1 V, 0.5 A
SERDES VCCA0: 1.1 V, 0.5 A
Status LED: D12
SW
EN
SW
EN
LDO
SW
EN
SW
EN
LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com