Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2998MAX/NOPB Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # LP2998MAX/NOPB
Description  ECP5 Versa Development Board User Guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LP2998MAX/NOPB Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button LP2998MAX/NOPB Datasheet HTML 7Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 8Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 9Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 10Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 11Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 12Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 13Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 14Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
ECP5 Versa Development Board
®
General Purpose LEDs
(See Appendix A, Sheet 8, Figure 17 - LEDs and Switches)
The LEDs provided on the ECP5 Versa Development Board are connected to general purpose FPGA I/Os. These
LEDs provide status for user designs and must be included in the design. The LEDs illuminate when the FPGA out-
put is driven LOW. Table 7 shows the LED and associated FPGA pins. These pins are within an I/O bank con-
nected to 2.5 V and the user should program these to be LVCMOS25 type outputs in the design.
Table 7. LED Definitions
LED Designator
FPGA Ball Number
LED Color
D25
E16
Yellow
D24
D17
Yellow
D22
D18
Green
D21
E18
Green
D26
F17
Red
D27
F18
Red
D28
E17
Red
D29
F16
Red
Alpha-numeric LED Display
(See Appendix A, Sheet 8, Figure 17 - LEDs and Switches)
A 14-segment alpha-numeric display is provided on the board (D23). These LED segments are connected to gen-
eral-purpose FPGA I/Os. The LEDs must be included in the FPGA design. The LEDs illuminate when the FPGA
output is driven LOW. Table 8 shows the LED and associated FPGA pins. These pins are within an I/O bank con-
nected to 2.5 V and the user should program these to be LVCMOS25 outputs in the design.
Figure 9. 14-Segment Display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com