Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2998MAX/NOPB Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # LP2998MAX/NOPB
Description  ECP5 Versa Development Board User Guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LP2998MAX/NOPB Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button LP2998MAX/NOPB Datasheet HTML 5Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 6Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 7Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 8Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 9Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 10Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 11Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 12Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
ECP5 Versa Development Board
®
General Purpose Clock Source
An on-board 100 MHz LVDS oscillator is provided for general purpose use. This clock source is connected to differ-
ential inputs P3 and P4 and must be used as LVDS inputs to the FPGA. This pin pair also provides optimal inter-
face to the FPGA PLL for customized use.
The PCI Express add-in card specification requires add-in boards to include capabilities to tell the host of its pres-
ence. The ECP5 Versa Development Board allows this optional connection via a board jumper. Using the board
with a PCI Express host requires the setting shown in Figure 7 below.
Figure 7. PCI Express PRSNT Control Connection
J4
1
2
3
4
5
6
PCI Express PRSNT
Jumper Selector
SERDES
The ECP5 Dual Channel Unit (DCU) SERDES FPGA is utilized on the board for several purposes. DCU0, Channel
0 is provisioned to provide a single, full-duplex PCI Express channel. The high-speed signals are connected to the
PCI Express edge connection. DCU0, Channel 1 is connected to the SMA connectors for external electrical dem-
onstrations.
Table 4. PCI Express Channel Interconnections
Signal Name
SERDES Port
FPGA Ball Number
PETp0
HDRXP0_D0CH0
Y5
PETn0
HDRXN0_D0CH0
Y6
PERp0
HDTXP0_D0CH0
W4
PERn0
HDTXN0_D0CH0
W5
Table 5. SMA Test Interconnections
Connector
SERDES Port
FPGA Ball Number
J5
HDRXP0_D0CH1
Y7
J6
HDRXN0_D0CH1
Y8
J7
HDTXP0_D0CH1
W8
J8
HDTXN0_D0CH1
W9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com