Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2998MAX/NOPB Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # LP2998MAX/NOPB
Description  ECP5 Versa Development Board User Guide
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LP2998MAX/NOPB Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button LP2998MAX/NOPB Datasheet HTML 2Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 3Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 4Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 5Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 6Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 7Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 8Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 9Page - Lattice Semiconductor LP2998MAX/NOPB Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
ECP5 Versa Development Board
®
PROGRAMN and GSRN
These push-button switches assert/de-assert the logic levels on PROGRAMN (SW2) and GSRN (SW1). Depress-
ing the button drives a logic level “0” to the device.
Programming Serial SPI Flash Memory
A serial SPI (16-pin TSSOP, 128M) Flash memory device (U52) is on-board for non-volatile configuration memory
storage. A Micron N25Q128A device is populated on-board.
The Serial SPI Flash memory device can be configured easily via the ECP5 JTAG port. This mode enables the
FPGA to be programmed at power-up or assertion of PROGRAMN with a bitstream stored in the memory device.
1.
Connect the ECP5 Versa Development Board.
2.
Scan the board or select the LFE5UM-45F device in the ECP5UM device family.
3.
From the Edit pull down menu select Device Properties. Set the Access mode to SPI Flash Background Pro-
gramming and Operation to SPI Flash Erase, Program, Verify.
Figure 4. Diamond Programmer Main Screen
4.
Under the SPI Flash Options, select Family to SPI Serial Flash, Vendor to Micron, Device to SPI-N25Q128A,
Package to 16-pin SO16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com