Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRE2269 Datasheet(PDF) 3 Page - CRE Semiconductor Inc.

Part # CRE2269
Description  Current Mode PWM Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE2269 Datasheet(HTML) 3 Page - CRE Semiconductor Inc.

  CRE2269 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 7Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Current Mode PWM Power Switch
Semiconductor Inc.
Page 3 of 7
TERMINAL ASSIGNMENTS:
Absolute Maximum Ratings:
VDD
VFB
TJ
VCV
Parameter
VDD Input Voltage
VFB Input Voltage
Input Voltage to RI Pin
Min/Max Operating Junction Temperature
Min/Max StorageTemperature
VDD Zener ClampVoltage
VDD DC Clamp Current
VRT
VRT Input Voltage to RT Pin
TSTG
VCC
Value
30
-0.3 — 7
-0.3 — 7
-20 — 150
-55 — 150
35
10
Unit
NOTE:Stresses beyond those listed under “absolute maximum ratings”may cause permanent damage to the
device. These are stress ratings only, functional operation of the device at these or anyother conditions beyond those
indicated under“recommended operating conditions” is not implied. Exposure to absolute maximum-rated conditions
for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITION:
VDD
RI
TA
Parameter
VDD Supply Voltage
RT Resistor Value
Operating Ambient Temperature
Value
12 — 23
24
-20 — 85
Unit
V
Kohm
℃
Pin Num
Pin Name
Description
1
2
3
4
5
6
7
8
GND
Ground
-0.3 — 7
-0.3 — 7
V
V
V
V
℃
℃
V
mA
V
VSENSE Input Voltage to Sense Pin
VSENSE
VRI
VRI
ESD INFORMATION
Parameter
Unit
Value
FB
Feedback input pin. PWM duty cycle is determined by voltage
level into this pin and current-sense signal level at Pin 6.
VIN
Connected through a large value resistor to rectified
line input for Start upchip supply and line voltage sensing.
Internal Oscillator frequency setting pin. A resistor connected
between RI and GND sets the PWM frequency.
RI
Temperature sensing input pin. Connected through a NTC resistor to
GND.Once the voltage of the RT pin drops below a fixed limit of 1.05V,
PWM output will be disabled.
RT
Current sense input pin. Connected to MOSFET
current sensing resistor node.
SENSE
DC power supply pin.
Totem-pole gate drive output for power MOSFET.
VDD
GATE
VESD-HBM
Human Body Model
3
KV
VESD-MM
Machine Model on All Pins
250
V
ELECTRICAL CHARACTERISTICS
(TA= 25℃, VDD=16V, RI=24Kohm if not otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD)
I_VDD_Startup
VDD Start up
VDD=15V Measure
-
5
20
uA
CRE2269
Develop 2015-01-5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com