Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRE2269 Datasheet(PDF) 1 Page - CRE Semiconductor Inc.

Part # CRE2269
Description  Current Mode PWM Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE2269 Datasheet(HTML) 1 Page - CRE Semiconductor Inc.

  CRE2269 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 7Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CRE2269
PWM
VDD
The
is a highly intergrated current mode
PWM control IC for high performance, low standby
power and cost effective offline flyback converter
applications in abive 20W power level.
switching frequency at normal operation is
externally programmable and trimmed to tight
range. At no load or light load condition, the IC
operates in extended”birst mode”ti minimize
switching loss.Lower standby power and higher
conversion efficiency is thus achieved.
low startup current and low operating current
contribute to a reliable power on startup design
withCRE2269. A large value resistor could thus be
used in the startup circuit to minimize the standby
power.
internal slope compensation improves system
large signal stability and reduces the possible
subharmonic oscillation at high PWM duty cycle
output. Leading-edge blanking on current sense
input removes the signal glitch due to snubber
circuit
Current Mode PWM Power Switch
CRE2269
Extendend Burst Mode Control For Improved
Efficiency and Minimum Standby Power Design
External Programmable PWM Switching
Frequency
Exernal Programmable Over Temperature
Protection(OTP)
Line Compensated Cycle-by-Cycle Over
current Threshold Setting For Constant Output
Current Limiting Over Universal Input Voltage
Range(OCP)
With orWithout On-chip VDD OVP for Output
Over Voltage Protection
Low VIN/VDD Startup Current(5uA) and Low
Operating Current(2.4mA)
Leading Edge Blanking on Current Sense Input
Internal Synchronized Slope Compensation
Under Voltage Lockout with Hysteresis(UVLO)
Gate Output Maximum Voltage Clamp(18V)
Over Load Protection(OLP)
CRE Proprietary Frequency Shuffling
Technology for Improved EMI Performance
Diode reverse recovery. And greatly reduces the
external component count and system cost in the
design.
offers complete protection coverage
with automatic self-recovery feature including
Cycle-by-Cycle current limiting(OCP),over load
protection(OLP),over temperature protection
(OTP),VDD over voltage protection(OVP)and
under voltage lockout(UVLO).The Gate-drive
output is clamped to maximum 18V to protect the
power MOSFET.
EMI performance is achieved with CRE
proprietary f requency s huf fking technique
together with soft switching control at the totem
pole gate drive output.The tone energy at the
totem pole gate drive output. The tone energy at
below 20KHZ is minimized in operation.
Consequently, audio noise performance is greatly
improved.
is offered i n S OP-8 and D IP-8
packages.
CRE2269
Excellent
CRE2269
Develop 2015-01-5


Similar Part No. - CRE2269

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CRE22F2BBAEE CHERRY-CRE22F2BBAEE Datasheet
246Kb / 2P
Rocker Switch Single Pole
logo
ZF Friedrichshafen AG
CRE22F2BBAEE ZFSWITCHES-CRE22F2BBAEE Datasheet
246Kb / 2P
Lighted and non-lighted versions
logo
Cherry Semiconductor Co...
CRE22F2BBALE CHERRY-CRE22F2BBALE Datasheet
246Kb / 2P
Rocker Switch Single Pole
logo
ZF Friedrichshafen AG
CRE22F2BBALE ZFSWITCHES-CRE22F2BBALE Datasheet
246Kb / 2P
Lighted and non-lighted versions
CRE22F2BBANE ZFSWITCHES-CRE22F2BBANE Datasheet
246Kb / 2P
Lighted and non-lighted versions
More results

Similar Description - CRE2269

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US3706 UTC-US3706 Datasheet
329Kb / 8P
CURRENT MODE PWM POWER SWITCH
logo
SHANGHAI BELLING CO., L...
BL8851 BELLING-BL8851 Datasheet
565Kb / 7P
Current Mode PWM Power Switch
logo
Shenzhen Tianyuan Semic...
TP6272AD TPOWER-TP6272AD Datasheet
511Kb / 5P
Current mode PWM power switch chip
logo
Shaoxing Devechip Micro...
SDC3110 SDC-SDC3110 Datasheet
402Kb / 13P
Current Mode PWM Power Switch
SDC4108 SDC-SDC4108 Datasheet
434Kb / 13P
Current Mode PWM Power Switch
SDC4109 SDC-SDC4109 Datasheet
401Kb / 13P
Current Mode PWM Power Switch
logo
Grenergy Opto, lnc.
GR8935 GRENERGY-GR8935 Datasheet
416Kb / 10P
Current Mode PWM Power Switch
GR8935L GRENERGY-GR8935L Datasheet
430Kb / 10P
Current Mode PWM Power Switch
GR8935M GRENERGY-GR8935M Datasheet
417Kb / 10P
Current Mode PWM Power Switch
GR8937L GRENERGY-GR8937L Datasheet
321Kb / 9P
Current Mode PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com