Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRE2269 Datasheet(PDF) 7 Page - CRE Semiconductor Inc.

Part # CRE2269
Description  Current Mode PWM Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE2269 Datasheet(HTML) 7 Page - CRE Semiconductor Inc.

  CRE2269 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 7Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Current Mode PWM Power Switch
Semiconductor Inc.
Page 7 of 7
CRE2269
◆ Gate
◆ Over e Temperature Protection
◆ Protection Controls
voltage lockout.(UVLO). The OCP threshold is
CRE2269 Gate is connected to an external
input line voltage adjusted to compensate the
MOSFET gate for power switch control. Too weak
increased output current limit at higher voltage
the gate drive strength results in higher conduction
caused by inherent Over-Current sensing and
and switch loss of MOSFET while too strong gate
control delay. A constant output power limit is
drive output compromises the EMI. A good tradeoff
achieved with recommended reference design on
is achieved through the built-in totem pole gate
CRE2269. At overload condition when FB input
design with right output strength and dead time
voltage exceeds power limit threshold value for
control. The low idle loss and good EMI system
more than 80mS, control circuit reacts to shut
design is easier to achieve with this dedicated
down the output power MOSFET. Device restarts
control scheme. An internal 17.8V clamp is added
w h e n V D D v o l t a g e d r o p s b e l o w U V L O
for MOSFET gate protection at higher than
limit.Similarly, control circuit shuts down the power
expected VDD input.
MOSFET when an Over Temperature condition is
detected. CRE2269 resumes the operation when
temperature drops below the hysteresis
An NTC resistor in series with a regular resistor
value.VDD is supplied with transformer auxiliary
should connect between RT and GND for
winding output. It is clamped when VDD is higher
temperature sensing and protection. NTC resistor
than 37V. The power MOSFET is shut down when
value becomes lower when the ambient
VDD drops below UVLO limit and device enters
temperature rises. With the fixed internal current
power on start-up sequence thereafter.
IRT flowing through the resistors, the voltage at RT
pin becomes lower at high temperature. The
internal OTP circuit is triggered and shutdown the
MOSFET when the sensed input voltage is lower
than VTH_OTP.
Good system reliability is achieved with CRE2269 ’ s
rich protection features including Cycle-by-Cycle
current limiting (OCP), Over Load Protection (OLP),
over temperature protection (OTP), on-chip VDD
over voltage protection (OVP,optional) and under
Develop 2015-01-5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com