Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRE2269 Datasheet(PDF) 5 Page - CRE Semiconductor Inc.

Part # CRE2269
Description  Current Mode PWM Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE2269 Datasheet(HTML) 5 Page - CRE Semiconductor Inc.

  CRE2269 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 7Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Current Mode PWM Power Switch
Semiconductor Inc.
Page 5 of 7
△f_Temp
Frequency
Temperature
Stability
-20℃ to 100℃
-
3
-
%
△
f_VDD
Frequency
Voltage
Stability
VDD = 12-25V
-
3
-
%
RI_range
Operating RI
Range
12
24
60
Kohm
V_RI_open
RI open load
voltage
-
2.0
-
V
F_BM
Burst Mode
Base
Frequency
-
21
-
KHz
DC_max
-
78
-
%
DC_min
-
-
0
%
Gate Drive Output (GATE)
VOL
Output Low
Level
Io = -20 mA
-
-
0.15
V
VOH
Output High
Level
Io = +20 mA
11.5
-
-
V
VG_Clamp
Output Clamp
Voltage Level
VDD=20V
-
17.8
-
V
T_r
Time
CL = 1nf
-
140
-
nSec
T_f
Output Falling
Time
CL = 1nf
-
40
-
nSec
I_RT
of RT pin
74
75
76
uA
VTH_OTP
Voltage
-
1.1
-
V
VTH_OTP_off
Threshold
Voltage
-
1.3
-
V
V_RT_Open
Voltage
3.56
3.58
3.60
V
Frequency Shuffling
△
f_OSC
Frequency
Modulation
range/Base
frequency
-3
-
3
%
Freq_Shuffling
Shuffling
Frequency
RI = 24Kohm
-
32
-
HZ
Output Rising
Over Temperature Protection
Output Current
OTP Threshold
OTP Recovery
RT Pin Open
CRE2269
Develop 2015-01-5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com