Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRE2269 Datasheet(PDF) 6 Page - CRE Semiconductor Inc.

Part # CRE2269
Description  Current Mode PWM Power Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRE [CRE Semiconductor Inc.]
Direct Link  http://en.cresemi.com/
Logo CRE - CRE Semiconductor Inc.

CRE2269 Datasheet(HTML) 6 Page - CRE Semiconductor Inc.

  CRE2269 Datasheet HTML 1Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 2Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 3Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 4Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 5Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 6Page - CRE Semiconductor Inc. CRE2269 Datasheet HTML 7Page - CRE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Current Mode PWM Power Switch
Semiconductor Inc.
Page 6 of 7
OPERATION DESCRIPTION
The CRE2269 is a highly integrated PWM
to minimize the switching loss thus reduce the
controller IC optimized for offline flyback converter
standby power consumption to the greatest
applications in above 20W power range.The
extend. The nature of high frequency switching
extended burst mode control greatly reduces the
also reduces the audio noise at any loading
standby power consumption and helps the design
conditions.
easily meet the international power conservation
requirements.
A resistor connected between RI and GND sets
the constant current source to charge/discharge
the internal cap and thus the PWM oscillator
Startup current of CRE2269 is designed to be very
frequency is determined. The relationship between
low(5uA) so that VDD could be charged up above
RI and switching frequency follows the below
UVLO threshold level and device starts up quickly.
equation within the specified RI in Kohm range at
Alarge value startup resistor can therefore be used
nominal loading operational condition.
to minimize the power loss yet reliable startup in
application. For AC/DC adaptor with universal input
range design, a 2 MΩ, 0.125W startup resistor
Cycle-by-Cycle current limiting is offered in
could be used together with a VDD capacitor to
CRE2269 current mode PWM control. The switch
provide a fast startup and yet low power dissipation
current is detected by a sense resistor into the
designsolution.
sense pin. An internal leading edge blanking circuit
chops off the sense voltage spike at initial
MOSFET on state due to Snubber diode reverse
The Operating current of CRE2269 is low at
recovery so that the external RC filtering on sense
2.3mA. Good efficiency is achieved with CRE2269
input is no longer needed. The current limit
low operating current together with extended burst
comparator is disabled and cannot turn off the
mode control schemes
external MOSFET during the blanking period. The
PWM duty cycle is determined by the current
At zero load or light load condition, most of the
sense input voltage and the FB input voltage.
power dissipation in a switching mode power
supply is from switching loss on the MOSFET
The frequency Shuffling/jittering (switching
transistor, the core loss of the transformer and the
frequency modulation) is implementedin
loss on the snubber circuit. The magnitude of
CRE2269.The oscillation frequency is modulated
power loss is in proportion to the number of
with a random source so that the tone energy is
switching events within a fixed period of time.
spread out. The spread spectrum minimizes the
Reducing switching events leads to the reduction
conduction band EMI and therefore eases the
on the power loss and thus conserves the energy.
system design.
CRE2269 self adjusts the switching mode
according to the loading condition. At from no load
Built-in slope compensation circuit adds voltage
to light/medium load condition, the FB input drops
ramp onto the current sense input voltage for
below burst mode threshold level (2.2V). Device
PWM generation. This greatly improves the close
enters Burst Mode control. The Gate drive output
loop stability at CCM and prevents the sub-
switches only when VDD voltage drops below a
harmonic oscillation and thus reduces the output
preset level and FB input is active to output an on
ripple voltage.
state. Otherwise the gate drive remains at off state
◆ Oscillator Operation
◆ Startup Current and Start up Control
◆Current gSensing dand gLeading EdgeBlanking
◆ Operating Current
◆ Burst e Mode Operation
◆ Frequency shuffling for EMI improvement
◆ Internal Synchronized Slope Compensation
CRE2269
Develop 2015-01-5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com