Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLB12F0000/AA Datasheet(PDF) 16 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 16 Page - Positronic.

Back Button PLB12F0000/AA Datasheet HTML 12Page - Positronic. PLB12F0000/AA Datasheet HTML 13Page - Positronic. PLB12F0000/AA Datasheet HTML 14Page - Positronic. PLB12F0000/AA Datasheet HTML 15Page - Positronic. PLB12F0000/AA Datasheet HTML 16Page - Positronic. PLB12F0000/AA Datasheet HTML 17Page - Positronic. PLB12F0000/AA Datasheet HTML 18Page - Positronic. PLB12F0000/AA Datasheet HTML 19Page - Positronic. PLB12F0000/AA Datasheet HTML 20Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
0.830 [21.08]
1.420 [36.07]
1.110 [28.19]
1.060 [26.92]
0.830 [21.08]
0.830 [21.08]
0.830 [21.08]
1.100 [27.94]
0.750
[19.05]
0.790 [20.07]
0.790 [20.07]
1.150 [29.21]
1.110 [27.94]
1.150 [29.21]
0.790 [20.07]
0.790 [20.07]
Power
Connection
Systems
Positronic
connectpositronic.com
10
MATING DIMENSIONS
(FULLY MATED)
Straight Board Mount Male
to Straight Board Mount
Female
Straight Board Mount Male
to Right Angle (90°) Board
Mount Female
Right Angle (90°) Board
Mount Male to Straight
Board Mount Female
Right Angle (90°) Board
Mount Male to Right Angle
(90°) Board Mount Female
Straight Board Mount Male
to Panel Mount
Female
Panel Mount Male
to Straight Board
Mount Female
Right Angle (90°) Board
Mount Male to Panel
Board Mount Female
Panel Mount Male
to Right Angle (90°) Board
Mount Female
Panel Mount Male
to Panel Mount
Female
Cable Mount Male
to Straight Board
Mount Female
Straight Board Mount
Male to Cable
Mount Female
Cable Mount Male
to Right Angle (90°)
Board Mount Female
Right Angle (90°) Board Mount
Male to Cable Mount
Female
Cable Mount Male
to
Panel Mount Female
Panel Mount Male
to Cable Mount
Female
Cable Mount Male
to
Cable Mount Female
MATING DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com