Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLB12F0000/AA Datasheet(PDF) 59 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 59 Page - Positronic.

Back Button PLB12F0000/AA Datasheet HTML 55Page - Positronic. PLB12F0000/AA Datasheet HTML 56Page - Positronic. PLB12F0000/AA Datasheet HTML 57Page - Positronic. PLB12F0000/AA Datasheet HTML 58Page - Positronic. PLB12F0000/AA Datasheet HTML 59Page - Positronic. PLB12F0000/AA Datasheet HTML 60Page - Positronic. PLB12F0000/AA Datasheet HTML 61Page - Positronic. PLB12F0000/AA Datasheet HTML 62Page - Positronic. PLB12F0000/AA Datasheet HTML 63Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
REMOVABLE SOLDER CUP CONTACT
FOR USE WITH PCS MIXED DENSITY SERIES CONNECTORS
CONTACTS MUST BE ORDERED SEPARATELY
SIZE 8
ØC
0.310 [7.87]
0.310 [7.87]
Ø0.142
[3.61]
0.866 [22.00]
0.858 [21.79]
ØB
ØC
ØB
* FEMALE CONTACT
CLOSED ENTRY, L.S.A.
MALE CONTACT
PART
NUMBER
CURRENT
RATING
WIRE SIZE
AWG/[mm2]
ØB
ØC
FS4008D
40 amperes
8 / [10.0]
0.219
[5.56]
0.182
[4.62]
FS4012D
20 amperes
12 / [4.0]
0.143
[3.63]
0.112
[2.84]
FS4016D
10 amperes
16 / [1.5]
0.100
[2.54]
0.069
[1.75]
PART
NUMBER
CURRENT
RATING
WIRE SIZE
AWG/[mm2]
ØB
ØC
MS4008D
40 amperes
8 / [10.0]
0.219
[5.56]
0.188
[4.78]
MS4012D
20 amperes
12 / [4.0]
0.143
[3.63]
0.112
[2.84]
MS4016D
10 amperes
16 / [1.5]
0.100
[2.54]
0.069
[1.75]
*NOTE: Female contacts feature Large Surface Area (L.S.A.) closed entry contact design which provides maximum
mating surfaces between male and female contact and reduced contact resistance during operation.
REMOVABLE HIGH VOLTAGE CONTACT
FOR USE WITH PCS MIXED DENSITY SERIES CONNECTORS
CONTACTS MUST BE ORDERED SEPARATELY
SIZE 8
Power
Connection
Systems
Positronic
connectpositronic.com
52
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
For information regarding
CRIMP TOOLS & CRIMPING TOOL TECHNIQUES, see page 54
.
Ø0.142
[3.61]
0.694 [17.63] Ref.
0.694 [17.63] Ref.
Ø0.040
[1.02]
20 AWG max.
20 AWG max.
STRAIGHT SOLDER WIRE TERMINATION
MS4920D
FS4920D
Ø0.142
[3.61]
0.733 [18.62] Ref.
0.733 [18.62] Ref.
Ø0.040
[1.02]
20 AWG max.
20 AWG max.
MS4820D
FS4820D
MALE CONTACT
FEMALE CONTACT
MALE CONTACT
FEMALE CONTACT
REMOVABLE HIGH VOLTAGE CONTACT
SIZE 8
RIGHT ANGLE (90°) SOLDER WIRE TERMINATION
Note: Connectors can be kitted
with all applicable crimp/
solder contacts, con-
tact Technical Sales for
connector part number.
Note: Connectors can be kitted
with all applicable crimp/
solder contacts, con-
tact Technical Sales for
connector part number.
Rev G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com