Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLB12F0000/AA Datasheet(PDF) 41 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 41 Page - Positronic.

Back Button PLB12F0000/AA Datasheet HTML 37Page - Positronic. PLB12F0000/AA Datasheet HTML 38Page - Positronic. PLB12F0000/AA Datasheet HTML 39Page - Positronic. PLB12F0000/AA Datasheet HTML 40Page - Positronic. PLB12F0000/AA Datasheet HTML 41Page - Positronic. PLB12F0000/AA Datasheet HTML 42Page - Positronic. PLB12F0000/AA Datasheet HTML 43Page - Positronic. PLB12F0000/AA Datasheet HTML 44Page - Positronic. PLB12F0000/AA Datasheet HTML 45Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
35
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
0.146 [3.71]
0.146 [3.71]
0.600 [15.24]
0.600 [15.24]
0.606 [15.39]
1.324±0.020
[33.63±0.51]
1.324±0.020
[33.63±0.51]
0.600 [15.24]
0.606 [15.39]
1.324±0.020
[33.63±0.51]
0.600 [15.24]
1.324±0.020
[33.63±0.51]
Ø0.090 [2.29]
Ø0.090 [2.29]
3X Contact holes
1.080 [27.43]
0.159 [4.04]
0.276 [7.01] Typ.
0.540 [13.72]
2X Mounting holes
0.606 [15.39]
0.606 [15.39]
0.225 [5.72]
0.225 [5.72]
0.080 [2.02]
Part Number: PLB3W3M300A1
Part Number: PLB3W3F300A1
STRAIGHT PRINTED BOARD MOUNT CONNECTOR
CODE 3, 0.146 [3.71] CONTACT EXTENSION
COMPLIANT PRESS-IN CONNECTOR
CODE 93, 0.225 [5.72] CONTACT EXTENSION
Part Number: PLB3W3F93ST30A1
Part Number: PLB3W3M93ST30A1
CONTACT HOLE PATTERN
FOR STRAIGHT PRINTED BOARD MOUNT AND COMPLIANT PRESS-IN CONNECTORS
STRAIGHT SOLDER PRINTED BOARD MOUNT,
COMPLIANT PRESS-IN CONNECTOR
AND CONTACT HOLE PATTERN
See page 56-57
for Compliant
Press-in
information.
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest Ø 0.114 [2.90] finished holes in printed board for straight
solder printed board mount contacts.
Suggest Ø 0.123±0.003 [3.15±0.08] holes in printed board for
mounting connector with push-on fasteners or 0.100 [2.54] for
mounting connector with #2 screws.
NOTE: See page 57 for suggested printed board drill hole sizes,
recommended plating and finished hole sizes for compliant contact
termination positions.
NOTE: MOUNTING
SCREWS CAN BE
SUPPLIED WITH
CONNECTORS
USING STEP 5
IN ORDERING
INFORMATION
ON PAGE 38.
MOUNTING
SCREWS
CAN ALSO
BE ORDERED
SEPARATELY BY
PART NUMBER.
SEE PAGE 59.
NOTE: Positronic
recommends
the practice of
using mounting
hardware to
secure connector
to printed circuit
board. Mounting
screws can be
supplied with
connectors using
step 5 in ordering
information
on page 38.
Mounting screws
can also be
ordered separately
by part number.
See page 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com