Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLB12F0000/AA Datasheet(PDF) 65 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 65 Page - Positronic.

Back Button PLB12F0000/AA Datasheet HTML 61Page - Positronic. PLB12F0000/AA Datasheet HTML 62Page - Positronic. PLB12F0000/AA Datasheet HTML 63Page - Positronic. PLB12F0000/AA Datasheet HTML 64Page - Positronic. PLB12F0000/AA Datasheet HTML 65Page - Positronic. PLB12F0000/AA Datasheet HTML 66Page - Positronic. PLB12F0000/AA Datasheet HTML 67Page - Positronic. PLB12F0000/AA Datasheet HTML 68Page - Positronic. PLB12F0000/AA Datasheet HTML 69Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
Power
Connection
Systems
Positronic
connectpositronic.com
59
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PUSH-ON FASTENERS AND
MOUNTING SCREWS
Connector
Printed board
Printed board
0.131±0.020
[3.33±0.51]
0.131±0.020
[3.33±0.51]
Self-tapping screw
Mounting Bracket
Printed board
Connector
Printed board
PUSH-ON FASTENERS
CODE BN OR CODE N ON STEP 5 OF ORDERING INFORMATION PAGE
MATERIAL: Spring tempered copper alloy, tin plated.
SUGGESTED PRINTED BOARD HOLE SIZES:
Suggest 0.123 ±0.002 [3.12] Ø hole in printed board for mounting connector with push-on fasteners.
CODE BN
FOR USE WITH RIGHT ANGLE (90°) CONNECTOR
CODE N
FOR USE WITH STRAIGHT SOLDER CONNECTOR
Stresses that occur during coupling and uncoupling of connectors or through shock and vibration of systems can
be transferred to backplanes or P.C. boards through press-in connector terminations. Avoid concern over electrical
integrity of the connector to board interface by using mounting screws. Bellcore GR1217 details a preference for the
use of mounting hardware and we recommend this practice.
SCREWS ARE #2 SELF-TAPPING FOR PLASTIC.
CONSULT TECHNICAL SALES IF AN ALTERNATE SCREW IS REQUIRED.
MOUNTING
STYLE OPTION
MATERIAL
OPTIONS
PART NUMBER
THREAD
LENGTH
P.C. BOARED
THICKNESS
ST2
STEEL
A4546-7-1-97
0.250±0.030
[6.35±0.76]
0.093
[2.36]
ST3
STEEL
A4546-7-2-97
0.312±0.030
[7.93±0.76]
0.125
[3.18]
ST4
STEEL
A4546-7-3-97
0.375±0.030
[9.53±0.76]
0.175
[4.45]
SS2
STAINLESS
STEEL
A4546-7-6-4
0.250±0.030
[6.35±0.76]
0.093
[2.36]
SS3
STAINLESS
STEEL
A4546-7-7-4
0.312±0.030
[7.93±0.76]
0.125
[3.18]
SS4
STAINLESS
STEEL
A4546-7-8-4
0.375±0.030
[9.53±0.76]
0.175
[4.45]
MOUNTING SCREWS
CODE ST2, ST3, ST4, SS2, SS3, OR SS4 ON STEP 5 OF ORDERING INFORMATION PAGE
NOTE: MOUNTING SCREWS FOR RIGHT ANGLE CONNECTORS ARE ORDERED SEPARATELY
USING PART NUMBERS SHOWN IN CHART BELOW.
Rev G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com