Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLB12F0000/AA Datasheet(PDF) 22 Page - Positronic.

Part # PLB12F0000/AA
Description  VERSATILE, HIGH-CURRENT, MIXED DENSITY
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSITRONIC [Positronic.]
Direct Link  https://www.connectpositronic.com/en/
Logo POSITRONIC - Positronic.

PLB12F0000/AA Datasheet(HTML) 22 Page - Positronic.

Back Button PLB12F0000/AA Datasheet HTML 18Page - Positronic. PLB12F0000/AA Datasheet HTML 19Page - Positronic. PLB12F0000/AA Datasheet HTML 20Page - Positronic. PLB12F0000/AA Datasheet HTML 21Page - Positronic. PLB12F0000/AA Datasheet HTML 22Page - Positronic. PLB12F0000/AA Datasheet HTML 23Page - Positronic. PLB12F0000/AA Datasheet HTML 24Page - Positronic. PLB12F0000/AA Datasheet HTML 25Page - Positronic. PLB12F0000/AA Datasheet HTML 26Page - Positronic. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
NEW
0.408
DRAWINGS
[10.36]
0.146 [3.71]
0.600
[15.24]
ø0.062 [1.57]
0.098 [2.49]
A±0.020 [0.51]
A±0.020 [0.51]
0.408
[10.36]
0.146 [3.71]
0.600
[15.24]
0.098 [2.49]
ø0.062 [1.57]
A±0.020 [0.51]
0.606
[15.39]
A±0.020 [0.51]
0.802
[20.37]
0.146 [3.71]
0.600
[15.24]
ø0.062 [1.57]
0.600
[15.24]
0.098 [2.49]
ø0.062 [1.57]
0.146 [3.71]
0.600
[15.24]
0.098 [2.49]
ø0.062 [1.57]
0.146 [3.71]
0.146 [3.71]
ø0.062 [1.57]
A±0.020 [0.51]
A±0.020 [0.51]
0.606
[15.39]
0.802
[20.37]
0.197 [5.00]
0.197 [5.00]
0.197 [5.00]
0.098 [2.49]
0.197 [5.00]
0.600
[15.24]
0.197 [5.00]
0.098 [2.49]
0.197 [5.00]
Power
Connection
Systems
Positronic
connectpositronic.com
16
DIMENSIONS ARE IN INCHES [MILLIMETERS].
ALL DIMENSIONS ARE SUBJECT TO CHANGE.
PLA RIGHT ANGLE (90°) PRINTED BOARD MOUNT
CODE 4, 0.146 [3.71] CONTACT EXTENSION
PLB RIGHT ANGLE (90°) PRINTED BOARD MOUNT
CODE 4, 0.146 [3.71] CONTACT EXTENSION
PLC RIGHT ANGLE (90°) PRINTED BOARD MOUNT
CODE 4, 0.146 [3.71] CONTACT EXTENSION
Typical part number:
PLA03M4BN0A1
PLAH03M4BN0A1
Typical part number:
PLB06M4BN0A1
PLBH06B4BN0A1
Typical part number:
PLC09M4BN0A1
PLCH09M4BN0A1
Typical part number:
PLA03F4BN0A1
PLAH03F4BN0A1
Typical part number:
PLB06F4BN0A1
PLBH06F4BN0A1
Typical part number:
PLC09F4BN0A1
PLCH09F4BN0A1
MALE
FEMALE
MALE
FEMALE
MALE
FEMALE
For connection systems 1, 2 and 5.
Plating- See ordering information for
contact plating options.
PART NUMBER
A
PART NUMBER
A
PLB06*400A1
PLBH06*400A1
1.126
[28.60]
PLB16*400A1
PLBH16*400A1
2.112
[53.64]
PLB08*400A1
PLBH08*400A1
1.324
[33.63]
PLB20*400A1
PLBH20*400A1
2.506
[63.65]
PLB12*400A1
PLBH12*400A1
1.718
[43.64]
PART NUMBER
A
PART NUMBER
A
PLC09*400A1
PLCH09*400A1
1.126
[28.60]
PLC24*400A1
PLCH24*400A1
2.112
[53.64]
PLC12*400A1
PLCH12*400A1
1.324
[33.63]
PLC30*400A1
PLCH30*400A1
2.506
[63.65]
PLC18*400A1
PLCH18*400A1
1.718
[43.64]
PART NUMBER
A
PART NUMBER
A
PLA03*400A1
PLAH03*400A1
1.126
[28.60]
PLA06*400A1
PLAH06*400A1
1.718
[43.64]
PLA04*400A1
PLAH04*400A1
1.324
[33.63
PLA08*400A1
PLAH08*400A1
2.112
[53.64]
For connection systems 1, 2 and 5.
Plating- See ordering information for
contact plating options.
For connection systems 1, 2 and 5.
Plating- See ordering information for
contact plating options.
RIGHT ANGLE (90°) SOLDER PRINTED
BOARD CONNECTOR
NOTE: MOUNTING SCREWS
CAN BE ORDERED
SEPARATELY BY PART
NUMBER WHEN CHOOSING
B3 BRACKETS. SEE PAGE 59.
*Asterisk determines gender of connector,
M for male, F for female.
*Asterisk determines gender of connector,
M for male, F for female.
*Asterisk determines gender of connector,
M for male, F for female.
NOTE: MOUNTING SCREWS
CAN BE ORDERED
SEPARATELY BY PART
NUMBER WHEN CHOOSING
B3 BRACKETS. SEE PAGE 59.
NOTE: MOUNTING SCREWS
CAN BE ORDERED
SEPARATELY BY PART
NUMBER WHEN CHOOSING
B3 BRACKETS. SEE PAGE 59.
Rev G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com