Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMXRT1160AXEC Datasheet(PDF) 81 Page - NXP Semiconductors

Part # IMXRT1160AXEC
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1160AXEC Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button IMXRT1160AXEC Datasheet HTML 77Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 78Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 79Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 80Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 81Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 82Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 83Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 84Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 130 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 4, 06/2025
NXP Semiconductors
81
11 Gain error is FSE-ZSE (same as FSE-EO).
12 Error measured at full scale at 3.6 V.
13 Offset error is same as ZSE, error measured at 0 V with zero scale.
Table 77. ADC electrical specifications (1 V ≤ VREFH < 1.71 V and VADINmax ≤ VREFH)1
1 Values in this table are based on test with limited matrix samples in lab environment.
Symbol
Description
Min
Typ2
2 Typical values assume Temp = 25 °C and fACLK = Max, unless otherwise stated. Typical values are for reference only, and are
not tested in production.
Max
Unit
Notes
VADIN
Input voltage
VREFL
—
VREFH
V
—
CADIN
Input capacitance
—
4.5
—
pF
—
RADIN
Input resistance
—
500
—
—
RAS
Analog source resistance
—
—
5
K
3
3 This resistance is external to the SoC. To achieve the best results, the analog source resistance must be kept as low as
possible. The results in this data sheet were derived from a system that had < 15 Ω analog source resistance.
fADCK
ADC conversion clock
frequency
8
—
88
MHz
—
Csample
Sample cycles
3.5
—
131.5
Cycles
4
Ccompare
Fixed compare cycles
—
17.5
—
Cycles
—
Cconversion
Conversion cycles
Cconversion = Csample + Ccompare
Cycles
—
DNL
Differential nonlinearity
—
±0.7
±1
LSB
5,6,7
INL
Integral nonlinearity
—
±0.8
±1
LSB
5,6,7
ENOB
Effective number of bits
8,9,10
Single-ended mode
Avg = 1
10.0
10.3
—
—
Avg = 2
10.4
10.6
—
—
Avg = 16
11.2
11.3
—
—
Differential mode
Avg = 1
11.0
11.2
—
—
Avg = 2
—
—
—
—
Avg = 16
—
—
—
—
SINAD
Signal to noise plus distortion SINAD = 6.02 x ENOB + 1.76
dB
—
EG
Gain error11
—
-0.16
-0.56
%FSV
12
EO
Offset error
—
±0.01
±0.02
%FSV
13
lin_ext_leak
External channel leakage
current
—
30
500
nA
—
EIL
Input leakage error
RAS * lin_ext_leak
mV
—
tADCSTUP
Setup time
—
5
—
s
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com