Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMXRT1160AXEC Datasheet(PDF) 82 Page - NXP Semiconductors

Part # IMXRT1160AXEC
Description  i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMXRT1160AXEC Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button IMXRT1160AXEC Datasheet HTML 78Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 79Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 80Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 81Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 82Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 83Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 84Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 85Page - NXP Semiconductors IMXRT1160AXEC Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 130 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products, Rev. 4, 06/2025
82
NXP Semiconductors
Electrical characteristics
The following figure shows a plot of the ADC sample time versus RAS.
Figure 35. Sample time VS. RAS
4.8.1.1
12-bit ADC input impedance equivalent circuit diagram
There is an additional RIOMUX of 350  (from 295 to 405 ) resistance if an input goes through the MUX
inside the IO and CP of 2.5 pF as shown in Figure 36.
To calculate the sample request time, using the following equation where RADCtotal = RADIN + RIOMUX,
RIOMUX = 350 , CP = 2.5 pF and B = 11 for 1/4 LSB settling.
Tsmp_req = B [RAS (CAS + CP + CADIN) + (RAS + RADCtotal) CADIN]
4 See Figure 35, "Sample time VS. RAS".
5 1 LSB = (VREFH - VREFL) / 2^N, N = 12
6 ADC conversion clock at max frequency and using linear histogram.
7 No missing code
8 Input data used for test is 1 kHz sine wave.
9 Measured at VREFH = 1.0 V and pwrsel = 2.
10 ENOB can be lower than shown, if an ADC channel corrupts other ADC channels through capacitive coupling. This coupling
may be dominated by board parasitics. Care must be taken not to corrupt the desired channel being measured. This coupling
becomes worse at higher analog frequencies and with switching waveforms due to the harmonic content.
11 Gain error is FSE-ZSE (same as FSE-EO).
12 Error measured at full scale at 1.0 V.
13 Offset error is same as ZSE, error measured at 0 V with zero scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com