Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9073 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA9073
Description  Ultra-Low Quiescent Current PMIC
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9073 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA9073 Datasheet HTML 53Page - Renesas Technology Corp DA9073 Datasheet HTML 54Page - Renesas Technology Corp DA9073 Datasheet HTML 55Page - Renesas Technology Corp DA9073 Datasheet HTML 56Page - Renesas Technology Corp DA9073 Datasheet HTML 57Page - Renesas Technology Corp DA9073 Datasheet HTML 58Page - Renesas Technology Corp DA9073 Datasheet HTML 59Page - Renesas Technology Corp DA9073 Datasheet HTML 60Page - Renesas Technology Corp DA9073 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 134 page
background image
DA9073
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.5
16-Jun-2023
57 of 134
© 2023 Renesas Electronics
DA9073
Host
SCL
MODE
ROUT_N
SYS_FLT
PWR_FLT
RIN_N
(always-on)
WD
SDA
Figure 35: Digital Pin Connections
9.7.1
Watchdog Input and Timer
A programmable watchdog timer, WD, is available to detect a stall in the host. The WD function is
enabled or disabled at register 0x14:[1:0]. Each time the host initiates I2C or toggles the watchdog
input, the timer resets. If no host activity is detected within the timeout period, the DA9073 toggles
the SYS_FLT flag and sets the WD event bit at 0x07 to 1. If the register reset option is enabled, the
outputs are disabled for a period of typically 20msec and then re-enabled to reset the host. The
watchdog is automatically re-activated and the pre-programmed OTP values are loaded (except for
RIN_N_RST_ROUT_EN and RIN_N_RST_REC at register 0x10:[3:0]).
The watchdog timeout period is programmable to 25 or 50 seconds via the 0x14 register.
Optionally, the WD function can also toggle the ROUT_N pin, also selectable at register 0x14.
The WD_EN register selects when the watchdog timer is available as described in Table 35.
Table 35: WD_EN Register 0x14 [1:0]
Register value
Charge mode
Active battery mode
Hi-Z mode
0x0
Disable
Disable
Disable
0x1
Enable
Disable
Disable
0x2
Enable
Enable
Disable
0x3
Enable
Enable
Enable
The WD_CLR_SEL register selects which activity the WD uses to clear the timer, described in Table
36.
Table 36: WD_CLR_SEL Register 0x14 [3:2]
Register value
Description
0x0
Only I2C clears the timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com