Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DA9073 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # DA9073
Description  Ultra-Low Quiescent Current PMIC
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9073 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button DA9073 Datasheet HTML 86Page - Renesas Technology Corp DA9073 Datasheet HTML 87Page - Renesas Technology Corp DA9073 Datasheet HTML 88Page - Renesas Technology Corp DA9073 Datasheet HTML 89Page - Renesas Technology Corp DA9073 Datasheet HTML 90Page - Renesas Technology Corp DA9073 Datasheet HTML 91Page - Renesas Technology Corp DA9073 Datasheet HTML 92Page - Renesas Technology Corp DA9073 Datasheet HTML 93Page - Renesas Technology Corp DA9073 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 134 page
background image
DA9073
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.5
16-Jun-2023
90 of 134
© 2023 Renesas Electronics
CE_N
[0]
0x1
Charge enable
Value
Description
0x0
Enable charging
0x1 (POR)
Disable charging
Table 65: Register CHG_CHG_1
Address
Register Name
POR Value
Charge
0x0021
CHG_CHG_1
0x19
7
6
5
4
3
2
1
0
Reserved
TE_TS_COOL
TE_TS_WARM
TE
TMRX2_EN
Reserved
TMR<1:0>
Field Name
Bits
POR
Description
TE_TS_COOL
[6]
0x0
Termination enable during TS COOL. Write-locked when CE_N is 0.
TE_TS_WARM
[5]
0x0
Termination enable during TS WARM. Write-locked when CE_N is 0.
TE
[4]
0x1
Charge current termination enable. Write-locked when CE_N is 0.
TMRX2_EN
[3]
0x1
Safety timer half rate enable. Write-locked when CE_N is 0.
TMR
[1:0]
0x1
Safety timer period. Write-locked when CE_N is 0.
Value
Description
0x0
30 m
0x1 (POR)
3 h
0x2
9 h
0x3
Timer disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com