Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02PC Datasheet(PDF) 18 Page - Microchip Technology

Part # WINCS02PC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02PC Datasheet(HTML) 18 Page - Microchip Technology

Back Button WINCS02PC Datasheet HTML 14Page - Microchip Technology WINCS02PC Datasheet HTML 15Page - Microchip Technology WINCS02PC Datasheet HTML 16Page - Microchip Technology WINCS02PC Datasheet HTML 17Page - Microchip Technology WINCS02PC Datasheet HTML 18Page - Microchip Technology WINCS02PC Datasheet HTML 19Page - Microchip Technology WINCS02PC Datasheet HTML 20Page - Microchip Technology WINCS02PC Datasheet HTML 21Page - Microchip Technology WINCS02PC Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 18
Figure 2-10. WINCS02 Module Placement
Related Links
WINCS02 Module Routing Guidelines
WINCS02 Module Packaging Information
2.5
WINCS02 Module Routing Guidelines
• Use the multi-layer host board for routing signals on the inner layer and the bottom layer.
• The top layer (underneath the module) of the host board must be ground with as many GND vias
as possible as shown in the following figure.
• Avoid fan-out of the signals under the module or antenna area. Use a via to fan-out signals to the
edge of the WINCS02 Module.
• For a better GND connection to the WINCS02 Module, solder the exposed GND pads of the
WINCS02 Module on the host board.
• For the module GND pad, use a GND via of a minimum 10 mil (hole diameter) for good ground to
all the layers and thermal conduction path.
• Having a series resistor on the host board for all reserved pins and digital interface pins is
recommended. These resistors must be placed close to the WINCS02 Module.
• The RTCC Oscillator (32.768 kHz) on the host board must be placed close to the WINCS02 Module
and follow the shortest trace routing length with no vias (see the following figure).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com