Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02PC Datasheet(PDF) 11 Page - Microchip Technology

Part # WINCS02PC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02PC Datasheet(HTML) 11 Page - Microchip Technology

Back Button WINCS02PC Datasheet HTML 7Page - Microchip Technology WINCS02PC Datasheet HTML 8Page - Microchip Technology WINCS02PC Datasheet HTML 9Page - Microchip Technology WINCS02PC Datasheet HTML 10Page - Microchip Technology WINCS02PC Datasheet HTML 11Page - Microchip Technology WINCS02PC Datasheet HTML 12Page - Microchip Technology WINCS02PC Datasheet HTML 13Page - Microchip Technology WINCS02PC Datasheet HTML 14Page - Microchip Technology WINCS02PC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 11
2.2
Pin Details of WINCS02 Module
This section provides details on pin diagrams and pinout table of WINCS02 Module.
Figure 2-3. WINCS02 Module Pin Diagram
29
DFU_RX/STRAP1
Reserved
GND
INTOUT
SDO1
SCK1
1
2
5
6
7
8
NC
I2C_SDA
PTA_WLAN_ACTIVE
PTA_BT_PRIO
Reserved
NC
GND
3
4
9
MCLR
19
18
17
16
15
14
13
12
11
10
20
21
22 23
24 25 26
27
28
WINCS02
(1)
CS1
SDI1
UART1_TX
UART1_RX
I2C_SCL
Table 2-2. WINCS02 Module Pinout Table
Pin Number
Pin Name
Pin Type
Pin Description
1
NC
—
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com