Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02PC Datasheet(PDF) 67 Page - Microchip Technology

Part # WINCS02PC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02PC Datasheet(HTML) 67 Page - Microchip Technology

Back Button WINCS02PC Datasheet HTML 63Page - Microchip Technology WINCS02PC Datasheet HTML 64Page - Microchip Technology WINCS02PC Datasheet HTML 65Page - Microchip Technology WINCS02PC Datasheet HTML 66Page - Microchip Technology WINCS02PC Datasheet HTML 67Page - Microchip Technology WINCS02PC Datasheet HTML 68Page - Microchip Technology WINCS02PC Datasheet HTML 69Page - Microchip Technology WINCS02PC Datasheet HTML 70Page - Microchip Technology WINCS02PC Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
WINCS02IC and WINCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 67
5.4.1
Labeling and User Information Requirements
The label on the final product which contains the WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE
module(s) must follow Japan marking requirements. The integrator of the module should refer to
the labeling requirements for Japan available at the Ministry of Internal Affairs and Communications
(MIC) website.
For the WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Modules, due to a limited Module size, the technical conformity
logo and ID is displayed in the data sheet and/or packaging and cannot be displayed on the Module label. The final product
in which this Module is being used must have a label referring to the type certified Module inside:
WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Module
020-240380
5.4.2
Helpful Web Sites
• Ministry of Internal Affairs and Communications (MIC): www.tele.soumu.go.jp/e/index.htm.
• Association of Radio Industries and Businesses (ARIB): www.arib.or.jp/english/.
5.5
Korea
The WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Modules have received certification of
conformity in accordance with the Radio Waves Act. Integration of this module into a final product
does not require additional radio certification provided installation instructions are followed and no
modifications of the module are allowed.
5.5.1
Labeling and User Information Requirements
The label on the final product which contains the WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE
module(s) must follow KC marking requirements. The integrator of the module should refer to the
labeling requirements for Korea available on the Korea Communications Commission (KCC) website.
The WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Modules are labeled with its own KC mark. The final product requires
the KC mark and certificate number of the Module:
WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Module
R-R-mcp-WIXCS02
5.5.2
Helpful Websites
• Korea Communications Commission (KCC): www.kcc.go.kr.
• National Radio Research Agency (RRA): rra.go.kr.
5.6
Taiwan
The WINCS02PC/WINCS02PE/WINCS02UC/WINCS02UE Modules have received compliance approval
in accordance with the Telecommunications Act. Customers seeking to use the compliance approval
in their product should contact Microchip Technology sales or distribution partners to obtain a
Letter of Authority.
Integration of this module into a final product does not require additional radio certification
provided installation instructions are followed and no modifications of the module are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com