Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINCS02PC Datasheet(PDF) 13 Page - Microchip Technology

Part # WINCS02PC
Description  low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WINCS02PC Datasheet(HTML) 13 Page - Microchip Technology

Back Button WINCS02PC Datasheet HTML 9Page - Microchip Technology WINCS02PC Datasheet HTML 10Page - Microchip Technology WINCS02PC Datasheet HTML 11Page - Microchip Technology WINCS02PC Datasheet HTML 12Page - Microchip Technology WINCS02PC Datasheet HTML 13Page - Microchip Technology WINCS02PC Datasheet HTML 14Page - Microchip Technology WINCS02PC Datasheet HTML 15Page - Microchip Technology WINCS02PC Datasheet HTML 16Page - Microchip Technology WINCS02PC Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
WINCS02IC and WINCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005577B - 13
Table 2-2. WINCS02 Module Pinout Table (continued)
Pin Number
Pin Name
Pin Type
Pin Description
27
UART2_TX
O
UART2 transmit signal for the firmware log. UART setting:
460,800 baud, 8N1 and no flow control
28
GND
P
Ground
29
GND Paddle
P
Thermal ground paddle
Notes: 
1. This pin can be used either as an oscillator input pin or as PTA BT_ACTIVE. The WINCS02 Module does not support both
the functionality together.
2. Do not connect any external 1.5V supply.
3. Current firmware does not support RTCC Oscillator function; it is recommended to have an option to mount RTCC
Oscillator in the design to upgrade with the future version of firmware releases.
4. For more details, refer to the WINCS02 Module External Antenna Calibration Guide (DS50003753).
5. Do not leave this pin unconnected. Follow the directions in the Pin Description column for future upgrades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com