Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA0ES Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 32Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 33Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 34Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 35Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 36Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 37Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 38Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 39Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_SWx_SEQ[7:0] OTP_
LDOx_SEQ[7:0] OTP_GPOx_
SEQ[7:0] OTP_VMONx_
SEQ[7:0] OTP_RSTB_SEQ[7:0]
SWx_SEQ[7:0] LDOx_
SEQ[7:0] GPOx_
SEQ[7:0] VMONx_
SEQ[7:0] RSTB_SEQ[7:0]
Sequence slot
Startup time [µs]
11111111
11111111
254
SEQ_TBASE x SLOT254
Table 30. Channel sequence...continued
If the power good verification mechanism is enabled (OTP_PWRUP_CHK = 1), the device requires all the
monitored supplies enabled in the sequence to be within regulation before the RSTB pin can be released.
If RSTB is not programmed in the OTP sequence and OTP_PWRUP_CHK = 0, the RSTB pin will release by
default after the last regulator/GPO/VMON has been enabled.
If RSTB is not programmed in the OTP sequence and OTP_PWRUP_CHK = 1, the RSTB pin will release after
all regulators in the power up sequence are in regulation.
If the _SEQ[7:0] bits of all channels are set to 0x00 (OFF) and a PWRON event is present, the device will power
up in secondary operation. In such a scenario, the device will enter the RUN state without any regulator or
external VMON enabled or GPO pin releasing high.
The secondary device operation is a special use case of the Power-up sequence to address the scenario
where the PF09 is working as a secondary PMIC, and supplies are meant to be enabled by the MCU during the
system operation. In this scenario the RSTB of primary and secondary PMICs are connected together to create
an OR condition in which the RSTB signal to the MCU is released only after all PMICs are up in the RUN state.
The PWRUP_I interrupt is asserted when the time slot of the last regulator in the sequence has ended, to
indicate the end of the Power-up sequence. By default, the PWRUP_M bit is unmasked at power up to ensure
the INTB pin is always asserted to indicate the end of the Power-up sequence to the system MCU.
Upon a power up, readiness of the minimum voltages rails needed for the system to operate is indicated by
the release of the RSTB pin. At this point the MCU may not yet be ready to listen and react to an Interrupt
event, however, if the sequence extends past the release of the RSTB pin, the MCU can use the INTB as the
notification that all system supplies are up and running.
When returning from the STANDBY into the RUN state, the RSTB pin does not generate a transition, therefore
the MCU does not know for sure when the PMIC has successfully changed to the RUN state and is ready for
full operation. By ensuring the PWRUP_I interrupt is not masked upon entering the STANDBY state, the system
can rely on the INTB pin asserting once the device has successfully entered the RUN state to indicate the
system is ready to perform full operation.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
36 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com