Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA0ES Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 82Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 83Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 84Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 85Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 86Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 87Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 88Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 89Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
I2C_SECURE_EN
I2C secure write
0
Disabled
1
Enabled
Table 103. Enabling I2C secure write
When secure write is enabled, a specific sequence must be followed in order to grant write access on the
corresponding secure register:
1. The MCU sends a command to modify the secure registers
2. The MCU reads a random code generated by the PMIC from the RANDOM_GEN register
3. The MCU must write the correct random code in the RANDOM_CHK register.
If RANDOM_CHK [7:0] matches the value in the RANDOM_GEN[7:0] bits, the device applies the configuration
as requested by the initial command.
If RANDOM_CHK[7:0] is different from RANDOM_GEN[7:0], the device ignores the configuration command and
waits for a new transaction.
In the event the MCU sends any other command instead of providing a value for the RANDOM_CHK register
when the PF09 is expecting a random code confirmation, the device will cancel the ongoing secure write
transaction and perform the new I2C command.
In the event the MCU does not provide a value for the RANDOM_CHK register when the PF09 is expecting a
random code confirmation, the I2C transaction will time out 10 ms After the RANDOM_GEN code is generated,
and the device will be ready for a new transaction.
The following table provides a list of all the bits requiring a secure write protocol when I2C_SECURE_EN = 1.
Bit group
Description
Bit group
Description
System Configuration bits
I2C_SECURE_EN
I2C secure write
STBY_POL
STBY pin polarity
RSTB_SOFTRST
RSTB pulse on soft reset
XRST_MODE
XRESET operating mode
VIN_OV_EN
VIN overvoltage protection
XRST_STBY_EN
XRESET operation in
STANDBY
VIN_OV_SDWN
VIN overvoltage shutdown
XRST_DBNC
XRESET debounce timer
VIN_OV_DBNC
VIN overvoltage debounce
WD_EN
Watchdog counter
OV_DBNC
Regulator OV debounce
WD_DURATION
WD window duration
UV_DBNC
Regulator UV debounce
WD_OK_FCD
Fault counter reduction
FAULT_MAX_CNT
Maximum fault count
WD_NOK_MAX
WD NOK reset limit
TIMER_FAULT
Regulator fault timer
ERRMON_RESET
ERRMON reaction
RESET_MAX
Max reset events
ERRMON_TIME
ERRMON acknowledge time
FCCUx_POL
FCCU0 fault polarity
FCCU1 fault polarity
FCCUx_RPULL_EN
FCCU0 internal pull resistor
FCCU1 internal pull resistor
FCCUx_DBNC
FCCU0 debounce time
FCCU1 debounce time
FCCUx_RESET
FCCU1 reset configuration
FCCU1 reset configuration
FS0B_RELEASE
FS0B release command
VSELECT_EN
LDO2 VSELECT mode
SYS_CMD
System commands
–
–
Table 104. Bit groups that may require a secure write protocol
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
86 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com