Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA0ES Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 71Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 72Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 73Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 74Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 75Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 76Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 77Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 78Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
OTP_FCCU0_MODE[1:0]
OTP_FCCU1_MODE[1:0]
FCCU1 Operation
Don’t care
01
No operation
Don’t care
10
No operation
Don’t care
11
XRESET enabled
Table 75. FCCU1 pin operation when FCCU block is not available in the system....continued
In devices where the FCCU operation is available, the FCCU1 pin operation is set based on the
OTP_FCCU1_MODE[1:0] and OTP_FCCU0_MODE[1:0] bits.
OTP_FCCU0_MODE[1:0]
OTP_FCCU1_MODE[1:0]
FCCU1 Operation
00, 01, 10
00
No operation
00, 01, 10
01
FCCU1 single-ended Level detection[1]
00, 01, 10
10
FCCU1 single-ended PWM detection[1]
00, 01, 10
11
XRESET enabled
11
00, 01[2]
FCCU bi-stable[1]
11
11
Hybrid mode (XRESET / FCCU bi-stable) [1]
Table 76. FCCU1 pin operation when FCCU block is available in the system.
[1]
For a detailed description of the FCCU operation, refer to section 18.7 FCCU Monitoring.
[2]
Code 10 in the OTP_FCCU1_MODE[1:0] shall not be used when the FCCU Bistable mode is selected.
When the XRESET is enabled, the FCCU1 pin operates as an external reset input (XRESET). When the input
is asserted, the device will generate a reset event to place the PMIC in a default known state. Refer to section
16.4.2 Reset Conditions for a detailed description of the implementation of a reset condition.
The polarity to detect a reset condition on the XRESET input is configured using the FCCU1_POL bit.
FCCU1_POL
XRESET polarity
0
Reset event on rising edge
1
Reset event on Falling edge
Table 77. XRESET polarity
The OTP_FCCU1_POL bit is provided to set the default value for the FCCU1_POL at power-up.
The XRST_DBNC[1:0] bits are provided to program the debounce filter to detect an external reset event on
either the rising or Falling edge of the XRESET input.
XRST_DBNC[1:0]
XRESET debounce timer
00
10 μs
01
50 μs
10
500 μs
11
1000 μs
Table 78. XRESET debounce timer
The OTP_XRST_DBNC[1:0] bits are provided to set the default value for the XRST_DBNC[1:0] bits at power-
up.
The XRST_MODE bit is provided to set the reset type generated upon an XRESET event.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
75 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com