Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA0ES Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 36Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 37Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 38Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 39Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 40Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 41Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 42Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 43Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
Regardless of which type of reset event is generated, if the FS0B pin is operating in active Safe-state mode, the
FS0B pin will be asserted low and remain low through the reset event until the MCU is able to release the pin
via the I2C command.
12.4.2.1 Hard reset
During a Hard reset, the RSTB signal will be asserted as all system regulators, GPOx and VMONs are powered
down as indicated in the power down sequence.
The following events can generate a hard reset:
• A watchdog failure
• The PWRON pin used in edge-sensitive mode with the PWRON_RST_EN = 1
• A software reset via the SYS_CMD register
• The FCCU1 pin operating in XRESET mode with the XRST_MODE = 0
• The FCCU failure with the FCCUx_RESET = 10
• The ERRMON failure when ERRMON_RESET = 1
If the VAON is set as an always-on regulator, the PF09 uses the VAON_RESET_EN bit to choose whether the
VAON output is included in the RESET event or not.
VAON_RESET_EN
VAON always-on reset reaction
0
VAON Reset disabled
1
VAON Reset enabled
Table 34. VAON always-on reset reaction
By default, the VAON_RESET_EN bit is reset to 0 at power up. The MCU must set this bit during the MCU boot-
up sequence if the VAON is required to perform a reset together with the rest of the system regulators when the
reset event is present.
During a hard reset event, if the VAON is set as a system regulator, the VAON regulator is disabled as defined
in the power-down sequence.
When a hard reset condition is present, the device will clear all the interrupt latches before starting the new
power-up sequence, to allow the device to release and assert the INTB pin when the PWRUP_I is latched upon
power-up sequence.
12.4.2.2 Soft reset
The following events can generate a soft reset:
• The XRESET input (FCCU1 pin) with XRST_MODE = 1
• An FCCU failure with the FCCUx_RESET [1:0] = 01
When the VAON is set as an always-on regulator, the soft reset does not have any impact on this regulator.
If the VAON is set as a system regulator, the VAON_RESET_EN bit will set the behavior of the VAON during a
soft reset event.
VAON_RESET_EN
Soft reset impact
0
VAON ignores the soft reset
1
VAON reloads default configuration
Table 35. Soft reset impact
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
40 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com