Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF0900AMMA0ES Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MPF0900AMMA0ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMMA0ES Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MPF0900AMMA0ES Datasheet HTML 72Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 73Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 74Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 75Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 76Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 77Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 78Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 79Page - NXP Semiconductors MPF0900AMMA0ES Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
XRST_MODE
Reset type
0
hard reset
1
soft reset
Table 79. XRST_MODE
The OTP_XRST_MODE bit is provided to set the default value of the XRST_MODE at power-up.
The XRESET input is always monitored during the RUN state, and the system can select to allow monitoring of
the external reset signal in the STANDBY state via the XRST_STBY_EN bit.
XRST_STBY_EN
XRESET operation in STANDBY
0
Disabled
1
Enabled
Table 80. XRST_STBY_EN bit
The OTP_XRST_STBY_EN is used to set the default operation of the XRESET input in the STANDBY state.
12.8.9 GPIO1
The GPIO1 pin is a programable general-purpose IO with selectable open-drain or push-pull output buffer. The
GPIO1 pin is configurable as a general-purpose output (GPO) or a dedicated input to perform the VSELECT
operation via the OTP_GPIO1_MODE[1:0] bit.
OTP_GPIO1_MODE[1:0]
GPIO1 mode
00
Open-drain output
01
Push-pull output
10
Reserved
11
VSELECT input
Table 81. GPIO1 mode
The GPIO1_S flag is provided to read the real-time state of the GPIO1 pin.
GPIO1_S
GPIO1 State
0
Low
1
High
Table 82. GPIO1_S flag
12.8.9.1 GPO mode
When the GPIO1 is used as a general-purpose output (GPO mode), the pin will be asserted low during the OFF
states. It can be set high by default during the Power-up sequence, or manually during the system-on states.
When the output is set as an open drain, the GPIO1 pin can be pulled up to any voltage lower than VIN with an
external resistor between 10 kΩ to 470 kΩ.
System requirements must be taken into account when selecting the pullup voltage and resistance. To prevent
the output from being pulled high in the ULPOFF state, the selection must ensure that the pullup voltage is not
present during OFF condtions.
When the output is set as a push-pull driver, the PF09 will use the VIN internally to set the high state on the
GPIO1 pin.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
76 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com