Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 32Page - Renesas Technology Corp AT45DB021E Datasheet HTML 33Page - Renesas Technology Corp AT45DB021E Datasheet HTML 34Page - Renesas Technology Corp AT45DB021E Datasheet HTML 35Page - Renesas Technology Corp AT45DB021E Datasheet HTML 36Page - Renesas Technology Corp AT45DB021E Datasheet HTML 37Page - Renesas Technology Corp AT45DB021E Datasheet HTML 38Page - Renesas Technology Corp AT45DB021E Datasheet HTML 39Page - Renesas Technology Corp AT45DB021E Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 36
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
13. Buffer and Page Size Configuration
The memory array of DataFlash devices is actually larger than other Serial Flash devices in that extra user-
accessible bytes are provided in each page of the memory array. For the AT45DB021E, there are an extra eight
bytes of memory in each page for a total of an extra 8 kB (64-kbits) of user-accessible memory.
Some applications, however, do not want to take advantage of this extra memory and instead architect their
software to operate on a “power of 2” binary, logical addressing scheme. To allow this, the DataFlash can be
configured so that the Buffer and page sizes are 256 bytes instead of the standard 264 bytes. In addition, the
configuration of the Buffer and page sizes is reversible and can be changed from 264 bytes to 256 bytes or from
256 bytes to 264 bytes. The configured setting is stored in an internal nonvolatile register so that the Buffer and
page size configuration is not affected by power cycles. The nonvolatile register has a limit of 10,000
erase/program cycles; therefore, take care to not switch between the size options more than 10,000 times.
Devices are initially shipped from Renesas Electronics with the Buffer and page sizes set to 264 bytes. Devices
can be ordered from Renesas Electronics pre-configured for the “power of 2” binary size of 256 bytes. For details,
see “Ordering Information” on page 62.
To configure the device for “power of 2” binary page size (256 bytes), a 4-byte opcode sequence of 3Dh, 2Ah, 80h,
and A6h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the CS
pin must be deasserted to initiate the internally self-timed configuration process and nonvolatile register program
cycle. The programming of the nonvolatile register takes place in a time of tEP, during which time, the RDY/BUSY
bit in the Status Register indicates that the device is busy. The device does not need to be power cycled after the
completion of the configuration process and register program cycle in order for the Buffer and page size to be
configured to 256 bytes.
To configure the device for standard DataFlash page size (264 bytes), a 4-byte opcode sequence of 3Dh, 2Ah,
80h, and A7h must be clocked into the device. After the last bit of the opcode sequence has been clocked in, the
CS pin must be deasserted to initial the internally self-timed configuration process and nonvolatile register
program cycle. The programming of the nonvolatile register takes place in a time of tEP, during which time, the
RDY/BUSY bit in the Status Register indicates that the device is busy. The device does not need to be power
cycled after the completion of the configuration process and register program cycle in order for the Buffer and
page size to be configured to 264 bytes.
Table 21. Buffer and Page Size Configuration Commands
Figure 20. Buffer and Page Size Configuration
Command
Byte 1
Byte 2
Byte 3
Byte 4
“Power of 2” binary page size (256 bytes)
3Dh
2Ah
80h
A6h
DataFlash page size (264 bytes)
3Dh
2Ah
80h
A7h
CS
SI
3Dh
2Ah
80h
Opcode
Byte 4
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com