Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 60Page - Renesas Technology Corp AT45DB021E Datasheet HTML 61Page - Renesas Technology Corp AT45DB021E Datasheet HTML 62Page - Renesas Technology Corp AT45DB021E Datasheet HTML 63Page - Renesas Technology Corp AT45DB021E Datasheet HTML 64Page - Renesas Technology Corp AT45DB021E Datasheet HTML 65Page - Renesas Technology Corp AT45DB021E Datasheet HTML 66Page - Renesas Technology Corp AT45DB021E Datasheet HTML 67Page - Renesas Technology Corp AT45DB021E Datasheet HTML 68Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 67 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 67
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
31. Revision History
Doc. Rev.
Date
Comments
8789A
05/2012
Initial document release.
8789B
11/2012
Corrected pinout diagrams to top view.
Added Read-Modify-Write section.
For figures Program Sector Protection Register, Read Sector Protection Register Command, and
Read Sector Lockdown Register Command, changed the opcode from n +15 to n +7.
Added note at end of section, Auto Page Rewrite.
Updated figure, Exit Ultra-Deep Power-Down.
In table, Additional Commands, changed “Auto Page Rewrite through Buffer” to “Auto Page Rewrite or
Read Modify Write through Buffer”.
Power-Up Timing, increased VPOR max from 1.55 to 1.60.
tXUDPD, 1.65 V increased maximum 70 µs to 120 µs and 2.3 V maximum from 70 µs to 240 µs.
tSE, increased typical from 250 ms to 350 ms and maximum from 450 ms to 550 ms.
Increased 1.65 V and 2.3 V typical and maximum values for IDPD, ISB, ICC1, and ICC2.
Added Legacy Commands table.
Updated datasheet status to preliminary.
Updated to Adesto template.
8789C
6/2013
Updated electrical and power specifications. Removed CCUN-T package from ordering codes, (not
available with this device).
Removed references to UBGA package (not available with this device). Moved “Buffer Read” from
Group C to Group A in Operation Mode Summary. Removed reference to concurrent read capability.
Removed preliminary datasheet status.
8789D
7/2013
Updated Auto Page Rewrite cycle to 50,000 cumulative page erase/program operations. Added
reserved part order codes.Updated DC conditions for VOL.
8789E
10/2013
Corrected Low Power Read Option (up to 15 MHz).
8789F
7/2015
Expanded explanation of Power up/Power down (Section 16). Added Die in Wafer Form package
option.Corrected the Read-Modify-Write description (Section 6.10). Removed unavailable package
and pin out diagram. Corrected Tables 15-6 and 15-7. Added information on Power Up (Section 16.1).
Updated Tables 12-1 and 12-3. Updated condition description for IUDPD, IDPD, and ISB. Updated Deep
Power Down and Ultra Deep Power Down timing diagrams.
8789G
3/2016
Added WLCSP package option. Updated Condition description for IDPD, and ISB. Added footnote to
tDIS, tEUDPD, tEPD.
8789H
1/2017
Added patent information.
8789I
7/2020
Updated format and layout. Copy edited throughout (no change in technical information).
For packages ending in SHN-B and SHN-T, removed link to note in the Ordering Codes tables that
states: “Not recommended for new designs. Use the 8S1 package option.”
8789J
3/2021
Updated notes to tables 28.2, 28.3, 28.4.
Removed original note 2 from table 28.3.
8789K
02/2022
Changed company logo to Renesas.
8789L
08/2022
Applied Renesas Corporate Template to document.
Added the following sentence to the description of CS in Table 1: “To ensure correct power-up
sequencing, it is recommended to add a 10k Ohm pull-up resistor from CS to VCC. This ensures CS
ramps together with VCC during power-up.”
8789M
04/2024
Changed note from below Table 34 from: “All inputs (SI, SCK, CS, WP, and RESET) are guaranteed by
design to be 5V tolerant.” to “All inputs (SI, SCK, CS, WP, and RESET) are guaranteed by design to be 5 V
tolerant; however, usage of 5V tolerance for extended periods can effect device reliability.”
Removed empty Section 32. Errata.
Updated/corrected the Ordering Information in Section 29.
Updated PODs in Section 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com