Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 37Page - Renesas Technology Corp AT45DB021E Datasheet HTML 38Page - Renesas Technology Corp AT45DB021E Datasheet HTML 39Page - Renesas Technology Corp AT45DB021E Datasheet HTML 40Page - Renesas Technology Corp AT45DB021E Datasheet HTML 41Page - Renesas Technology Corp AT45DB021E Datasheet HTML 42Page - Renesas Technology Corp AT45DB021E Datasheet HTML 43Page - Renesas Technology Corp AT45DB021E Datasheet HTML 44Page - Renesas Technology Corp AT45DB021E Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 41
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
17. Command Tables
Table 26. Read Commands
Command
Opcode
Main Memory Page Read
D2h
Continuous Array Read (Low Power Mode)
01h
Continuous Array Read (Low Frequency)
03h
Continuous Array Read (High Frequency)
0Bh
Continuous Array Read (Legacy Command – Not Recommended for New Designs)
E8h
Buffer Read (Low Frequency)
D1h
Buffer Read (High Frequency)
D4h
Table 27. Program and Erase Commands
Command
Opcode
Buffer Write
84h
Buffer to Main Memory Page Program with Built-In Erase
83h
Buffer to Main Memory Page Program without Built-In Erase
88h
Main Memory Page Program through Buffer with Built-In Erase
82h
Main Memory Byte/Page Program through Buffer without Built-In Erase
02h
Page Erase
81h
Block Erase
50h
Sector Erase
7Ch
Chip Erase
C7h + 94h + 80h + 9Ah
Read-Modify-Write through Buffer 1
58h
Table 28. Protection and Security Commands
Command
Opcode
Enable Sector Protection
3Dh + 2Ah + 7Fh + A9h
Disable Sector Protection
3Dh + 2Ah + 7Fh + 9Ah
Erase Sector Protection Register
3Dh + 2Ah + 7Fh + CFh
Program Sector Protection Register
3Dh + 2Ah + 7Fh + FCh
Read Sector Protection Register
32h
Sector Lockdown
3Dh + 2Ah + 7Fh + 30h
Read Sector Lockdown Register
35h
Freeze Sector Lockdown
34h + 55h + AAh + 40h
Program Security Register
9Bh + 00h + 00h + 00h
Read Security Register
77h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com