Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 42Page - Renesas Technology Corp AT45DB021E Datasheet HTML 43Page - Renesas Technology Corp AT45DB021E Datasheet HTML 44Page - Renesas Technology Corp AT45DB021E Datasheet HTML 45Page - Renesas Technology Corp AT45DB021E Datasheet HTML 46Page - Renesas Technology Corp AT45DB021E Datasheet HTML 47Page - Renesas Technology Corp AT45DB021E Datasheet HTML 48Page - Renesas Technology Corp AT45DB021E Datasheet HTML 49Page - Renesas Technology Corp AT45DB021E Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 46
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
19. System Considerations
The serial interface is controlled by the Serial Clock (SCK), Serial Input (SI), and Chip Select (CS) pins. These
signals must rise and fall monotonically and be free from noise. Excessive noise or ringing on these pins can be
misinterpreted as multiple edges and causes improper operation of the device. PCB traces must be kept to a
minimum distance or appropriately terminated to ensure proper operation. If necessary, decoupling capacitors can
be added on these pins to provide filtering against noise glitches.
As system complexity continues to increase, voltage regulation is becoming more important. A key element of any
voltage regulation scheme is its current sourcing capability. Like all Flash memories, the peak current for
DataFlash devices occurs during the programming and erasing operations. The supply voltage regulator needs to
be able to supply this peak current requirement. An under specified regulator can cause current starvation.
Besides increasing system noise, current starvation during programming or erasing can lead to improper
operation and possible data corruption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com