Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB021E Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 21Page - Renesas Technology Corp AT45DB021E Datasheet HTML 22Page - Renesas Technology Corp AT45DB021E Datasheet HTML 23Page - Renesas Technology Corp AT45DB021E Datasheet HTML 24Page - Renesas Technology Corp AT45DB021E Datasheet HTML 25Page - Renesas Technology Corp AT45DB021E Datasheet HTML 26Page - Renesas Technology Corp AT45DB021E Datasheet HTML 27Page - Renesas Technology Corp AT45DB021E Datasheet HTML 28Page - Renesas Technology Corp AT45DB021E Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 25
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
9.3.3
Read Sector Protection Register
To read the Sector Protection Register, an opcode of 32h and three dummy bytes must be clocked into the device.
After the last bit of the opcode and dummy bytes have been clocked in, any additional clock pulses on the SCK pin
result in the Sector Protection Register contents being output on the SO pin. The first byte (byte location 0)
corresponds to Sector 0 (0a and 0b), the second byte corresponds to Sector 1, and the last byte (byte location 7)
corresponds to Sector 7. Once the last byte of the Sector Protection Register has been clocked out, any additional
clock pulses result in undefined data being output on the SO pin. The CS pin must be deasserted to terminate the
Read Sector Protection Register operation and put the output into a high-impedance state.
Table 12. Read Sector Protection Register Command
Note:XX = Dummy byte
Figure 10. Read Sector Protection Register
9.3.4
About the Sector Protection Register
The Sector Protection Register is subject to a limit of 10,000 erase/program cycles. Users are encouraged to
carefully evaluate the number of times the Sector Protection Register is modified during the course of the
application’s life cycle. If the application requires that the Security Protection Register be modified more than the
specified limit of 10,000 cycles because the application needs to temporarily unprotect individual sectors (sector
protection remains enabled while the Sector Protection Register is reprogrammed), the application then needs to
limit this practice. Instead, a combination of temporarily unprotecting individual sectors along with disabling sector
protection completely needs to be implemented by the application to ensure that the limit of 10,000 cycles is not
exceeded.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Read Sector Protection Register
32h
XXh
XXh
XXh
32h
XX
XX
XX
Data
n
Data
n + 1
CS
SI
SO
Each transition represents eight bits
Data
n + 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com