Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB641E Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 44Page - Renesas Technology Corp AT45DB641E Datasheet HTML 45Page - Renesas Technology Corp AT45DB641E Datasheet HTML 46Page - Renesas Technology Corp AT45DB641E Datasheet HTML 47Page - Renesas Technology Corp AT45DB641E Datasheet HTML 48Page - Renesas Technology Corp AT45DB641E Datasheet HTML 49Page - Renesas Technology Corp AT45DB641E Datasheet HTML 50Page - Renesas Technology Corp AT45DB641E Datasheet HTML 51Page - Renesas Technology Corp AT45DB641E Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 48
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
13. Manufacturer and Device ID Read
Identification information can be read from the device to enable systems to electronically query and identify the
device while it is in the system. The identification method and the command opcode comply with the JEDEC
Standard for “Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory
Devices”. The type of information that can be read from the device includes the JEDEC-defined Manufacturer
ID, the vendor-specific Device ID, and the vendor-specific Extended Device Information.
The Read Manufacturer and Device ID command is limited to a maximum clock frequency of fCLK. Since not all
Flash devices are capable of operating at very high clock frequencies, applications must be designed to read the
identification information from the devices at a reasonably low clock frequency to ensure that all devices to be used
in the application can be identified properly. Once the identification process is complete, the application can then
increase the clock frequency to accommodate specific Flash devices that are capable of operating at the higher
clock frequencies.
To read the identification information, the CS pin must first be asserted and then the opcode 9Fh must be clocked
into the device. After the opcode has been clocked in, the device begins outputting the identification data on the
SO pin during the subsequent clock cycles. The first byte to be output is the Manufacturer ID, followed by two
bytes of the Device ID information. The fourth byte output is the Extended Device Information (EDI) String Length,
which is 01h indicating that one byte of EDI data follows. After the one byte of EDI data is output, the SO pin goes
into a high-impedance state; thus, additional clock cycles have no affect on the SO pin and no data are output. As
indicated in the JEDEC Standard, reading the EDI String Length and any subsequent data are optional.
Deasserting the CS pin terminates the Manufacturer and Device ID Read operation and put the SO pin into a high-
impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
Table 23. Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Byte 1)
28h
3
Device ID (Byte 2)
00h
4
[Optional to Read] Extended Device Information (EDI) String Length
01h
5
[Optional to Read] EDI Byte 1
00h
Table 24. Manufacturer and Device ID Details
Data Type
Bit 7Bit 6Bit 5
Bit 4
Bit 3Bit 2Bit 1Bit 0Hex Value
Details
Manufacturer ID
JEDEC Assigned Code
1Fh
JEDEC code:0001 1111
(1Fh for Renesas Electronics)
00
011
11
1
Device ID (Byte 1)
Family Code
Density Code
28h
Family code:001 (AT45Dxxx Family)
Density code:01000 (64-Mbit)
00
101
00
0
Device ID (Byte 2)
Sub Code
Product Variant
00h
Sub code:000 (Standard Series)
Product variant: 00000
00
000
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com