Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB641E Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7 V Minimum SPI Serial Flash Memory
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB641E Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button AT45DB641E Datasheet HTML 59Page - Renesas Technology Corp AT45DB641E Datasheet HTML 60Page - Renesas Technology Corp AT45DB641E Datasheet HTML 61Page - Renesas Technology Corp AT45DB641E Datasheet HTML 62Page - Renesas Technology Corp AT45DB641E Datasheet HTML 63Page - Renesas Technology Corp AT45DB641E Datasheet HTML 64Page - Renesas Technology Corp AT45DB641E Datasheet HTML 65Page - Renesas Technology Corp AT45DB641E Datasheet HTML 66Page - Renesas Technology Corp AT45DB641E Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
DS-AT45DB641E-027 Rev. O
Page 63
6/30/23
© 2023 Renesas Electronics
AT45DB641E Datasheet
23. AC Waveforms
Four different timing waveforms are shown in Figure 28 through Figure 31. Waveform 1 shows the SCK signal
being low when CS makes a high-to-low transition and Waveform 2 shows the SCK signal being high when CS
makes a high-to-low transition. In both cases, output SO becomes valid while the SCK signal is still low (SCK low
time is specified as tWL). Timing Waveforms 1 and 2 conform to RapidS serial interface but for frequencies up to
85MHz. Waveforms 1 and 2 are compatible with SPI Mode 0 and SPI Mode 3, respectively.
Waveform 3 and 4 show the general timing diagram for RapidS serial interface. These are similar to Waveform 1
and 2, except that output SO is not restricted to become valid during the tWL period. These timing waveforms are
valid over the full frequency range (maximum frequency = 85 MHz) of the RapidS serial case.
Figure 28. Waveform 1 = SPI Mode 0 Compatible
Figure 29. Waveform 2 = SPI Mode 3 Compatible
CS
SCK
SI
SO
tCSS
Valid In
tH
tSU
tWH
tWL
tCSH
tCS
tV
High-impedance
Valid Out
tHO
tDIS
High-impedance
CS
SCK
SO
tCSS
Valid In
tH
tSU
tWL
tWH
tCSH
tCS
tV
High Z
Valid Out
tHO
tDIS
High-impedance
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com