Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4964-2M Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 25Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 26Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 27Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 28Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 29Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 30Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 31Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 32Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
www.infineon.com/hall-switches
Hall switches
29
www.infineon.com/hall-switches
Hall switches
TLE/TLI4963/65-xM
5 V high-precision automotive/industrial Hall-effect sensor
TLE/TLI496x-xM are integrated Hall-effect sensors specially
designed for highly accurate applications. The sensors
provide an easy-to-use and cost-effective solution for
position sensing applications, requiring high temperature
stability of the magnetic threshold.
Target applications for TLE/TLI496x-xM are all low-power
applications requesting a precision Hall latch or Hall switch
with a broad operating temperature range.
By offering an excellent magnetic behavior Infineon’s
switches are ideally suited for:
› Index counting application with a pole wheel
› Rotor position detection (BLDC motors)
› Open/close detection
Features
› 3.0 to 5.5 V operating supply voltage
› Low current consumption 1.4 mA
› ESD protection 4 kV HBM
› Active error compensation (chopped)
› High stability of magnetic thresholds
› Low jitter (typ. 0.35 µs)
› Operating temperature range:
– from -40 to +170°C (TLE496x-xM)
– from -40 to +125°C (TLI496x-xM)
› Small SMD package SOT23
› TLE: AEC-Q100 qualified
› TLI: JEDEC qualified
Product
Type
Operating point
BOP [mT]
Release point
BRP [mT]
Hysteresis
ΔBHY [mT]
Automotive
Industrial
Consumer
Package
TLE4963-1M
Latch
2.0
-2.0
4.0
l
l
l
SOT23
TLE4963-2M
Latch
5.0
-5.0
10.0
l
l
l
SOT23
TLE4965-5M
Unipolar switch
7.5
5.0
2.5
l
l
l
SOT23
TLI4963-1M
Latch
2.0
-2.0
4.0
–
l
l
SOT23
TLI4963-2M
Latch
5.0
-5.0
10.0
–
l
l
SOT23
TLI4965-5M
Unipolar switch
7.5
5.0
2.5
–
l
l
SOT23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com