Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4964-2M Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 13Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 14Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 15Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 16Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 17Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 18Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 19Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 20Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
17
XENSIV™ sensors in
hybrid powertrains
To maximize acceptance of new electric drive systems,
manufacturers must win over former combustion enthu-
siasts with ease of operation and a predictable, smooth
driving experience free of “nasty surprises”.
It’s important that a combustion engine can spring smooth-
ly and almost imperceptibly into action – as already expe-
rienced at traffic lights or in traffic jams in start-stop mode.
Here, it is essential that the car knows the angle of the
crankshaft at all times. If the car stops for three minutes in
a traffic jam, the crankshaft sensor is able to ignore a slight
temperature drift or, ideally, compensate for it. During a
30-minute drive on rough roads with a crankshaft that is
free to move when decoupled from traction wheels, how-
ever, the sensor could incorrectly count a slight shake or
vibration of a tooth or, in the worst case, interpret these
movements as a new, valid signal.
Drive interplay as experienced by the driver
To ensure a combustion engine can glide into action, it is
important that the sensor does not incorrectly count any of
the teeth moving past it. It is imperative that the sensor:
› Does not miss any teeth
› Does not count any additional teeth
› Does not mistake the rotational direction
These criteria are broken down inside the crankshaft sensor
as there is basically a magnet inside the sensor housing and
the field lines of this magnet are modulated by the teeth as
they spin past.
As such, the sensor’s performance is ultimately determined
by fluctuations in magnetic field strengths. And these are
dependent on a number of factors including the air gap
between the sensor and the trigger wheel and the tempera-
ture. To ensure we do not get sidetracked by the various
mechanical and electrical details, this paper focuses pri-
marily on the mechanical components that are relevant to
the sensor’s performance.
The following is a list of functions that help sensors to accu-
rately count teeth.
The conventional stop-start algorithm
The “smallest” solution for reducing fuel consumption
involves switching off the engine. It is already widely
deployed and available as a conventional stop-start algo-
rithm. This function is able to correctly interpret short stops
in congested traffic or at red lights and can compensate for
small temperature drifts.
Magnets are subject to very strong temperature drifts,
which can change the magnetic field by up to 40 percent
over the given temperature range. In the case of crank-
shafts with well-fitting bearings, the next most significant
factor to impact sensor behavior is electrical in source.
Number three in the lineup are changes in the air gap
between the trigger wheel on the crankshaft and the sensor
module on the engine block.
Ideally, the sensor remains fully calibrated and when the
combustion engine starts again, it is able to correctly out-
put the position and rotational direction of the crankshaft
as soon as the first tooth of the trigger wheel spins past.
This functionality can be implemented without any modi-
Diagram of a sensor module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com