Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4964-2M Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 44Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 45Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 46Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 47Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 48Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 49Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 50Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 51Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
48
www.infineon.com/speed-sensors
TLE4922
Highly robust, easy-to-use mono-Hall speed sensor with twist-independent mounting
This sensor is specially designed to provide an easy-to-use, robust and cost-effective solution for vehicle or industrial
speed sensing applications. The TLE4922 can, therefore, be back-biased using a simple, low-cost bulk magnet, while pro-
viding a good air gap performance and switching accuracy. Its hidden adaptive hysteresis and calibration algorithm enable
good accuracy over air gap jumps and immunity to vibration and run-out events.
Features
› Large operating air gap capability
› Flexible mounting (also known as Twist-independent mounting)
› Hidden adaptive hysteresis
› Low current consumption
› Reverse magnetic polarity capability
› Advanced protection technology
– Reverse voltage protection at VS-pin
– Short-circuit protection
– Overtemperature protection
› Wide operating temperature ranges of -40°C ≤ T
j ≤ ±150°C
› High ESD robustness up to ±4 kV HBM
› 3-wire PWM voltage interface
Magnetic speed sensors
Applications
› Industrial applications
› Two-wheeler and automotive vehicle speed
TLE4929
Fully programmable crankshaft sensor
The TLE4929 is an active Hall sensor ideally suited for crankshaft applications and similar industrial applications, such as a
speedometer or any speed sensor with high accuracy and low jitter capabilities. Also, the compatible 3-pin-package allows a
one-to-one-replacement of the former generation of crankshaft sensors without direction detection, TLE4924/25/26/27/28.
Through the EEPROM of the TLE4929C various parameters of the former TLE492x-family can be mimicked.
Features
› Differential Hall speed sensor to measure speed and position of tooth/pole wheels
› Switching point in the middle of the tooth enables backward compatibility
› Robustness over magnetic stray-field due to the differential sensing principle
› Precise miss fire detection through excellent jitter performance
› Dedicatedhybridenginealgorithmkeepscombustionenginecalibratedduringanelectricdrivecycle
› Digital output signal with programmable output-protocol including diagnosis interface
› Direction detection and stop-start-algorithm
› High accuracy and low jitter
› High sensitivity enables large air gap
› End-of-line programmable to adapt engine parameters
› Can be used as a differential camshaft sensor
› Pre-programmed version, TLE4929C-X2A available for 2-wheeler applications
› Automotive operating temperature range
Product
Sensor technology
AEC-Q100 qual-
ified
Automotive
Industrial
RoHS
HAL free
TLE4922
Mono-Hall
l
l
l
l
l
TLE4929
Differential Hall
l
l
l
l
l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com