Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4964-2M Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 30Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 31Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 32Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 33Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 34Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 35Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 36Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 37Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
34
3D magnetic sensors for consumer and
industrial markets
Infineon’s 3D magnetic sensor (TLI493D-W2BW) combines high-accuracy magnetic field measurements with an extremely
compact footprint and exceptionally low power consumption (min. 7 nA). This sensor opens up a host of exciting new use cases
including innovative human-machine interfaces in the form of industrial joysticks, ergonomic pushbuttons on domestic appli-
ances and highly precise position control in robotics.
The TLV493D-A1B6 sensor realizes an accurate three-dimensional sensing with extremely low power consumption in a small
6-pin package. Capable of detecting the magnetic field in the x, y, and z-direction, the sensor is ideally suited for the mea-
surement of linear, rotation or 3 dimensional movements. Thanks to its small package and low power consumption, the
TLx493D-AxB6 can be used in new applications, replacing potentiometer and optical solutions. Featuring contactless position
sensing and high temperature stability of the magnetic threshold, the sensor allows systems getting smaller, more accurate and
more robust.
The TLE493D-P2B6 is Infineon´s newest magnetic 3D sensor enabled by new and improved accuracy. It is the best prod-
uct for high performance applications with respect to pricing and package size. The TLE493D-P2B6 has extremely low
quiescent current and wake up function in small package. Also the sensor provides options for configuration to fit best to
customer requirements (e.g. data communication, definition of measurements, etc.). The safety manual supports func-
tional safety applications. The configurability of the sensor is used in application platforms to adapt end customer wishes.
TLE493D-P2B6 is available in 4 different variants ending with A0, A1, A2 or A3. The underlying feature is the so called Bus
mode configuration of this device. It’s possible to connect up to 4 sensors to one I2C bus. The specific addressing is then
done via 4 different variants.
www.infineon.com/3d-magnetics
3D magnetics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com