Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4964-2M Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE4964-2M
Description  Sensor solutions for automotive, industrial and consumer applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4964-2M Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE4964-2M Datasheet HTML 32Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 33Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 34Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 35Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 36Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 37Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 38Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 39Page - Infineon Technologies AG TLE4964-2M Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
36
Product
Temperature
range
Qualification
Linear
magnetic
range
Resolution
IDD
Update rate
Wake-
up
Package Ordering
code
TLE493D-A2B6
-40 … 125°C
AEC-Q100
±160 mT (min) 130 µT/LSB
(65 µT/LSB)1) 7 nA – 3.3 mA 10 Hz – 8.4 kHz
No
TSOP6
SP001689848
TLE493D-P2B6 A0
TLE493D-P2B6 A1
TLE493D-P2B6 A2
TLE493D-P2B6 A3
-40 … 125°C
AEC-Q100/
ISO 26262 ready
±160 mT (min)
±100 mT (min)
130 µT/LSB
(65 µT/LSB)1) 7 nA – 3.3 mA 0.05 Hz – 8.4 kHz Yes
TSOP6
SP005557415
SP005557413
SP005557411
SP005557408
TLE493D-W2B6 A0
TLE493D-W2B6 A1
TLE493D-W2B6 A2
TLE493D-W2B6 A3
-40 … 125°C
AEC-Q100
±160 mT (min)
±100 mT (min)
130 µT/LSB
(65 µT/LSB)1) 7 nA – 3.3 mA 0.05 Hz – 8.4 kHz Yes
TSOP6
SP001655334
SP001655340
SP001655344
SP001655348
1) Half range mode
Infineon’s TLE493D-x2B6 enables all kind of automotive con-
trol element applications within the passenger compartment
or under the hood with a temperature range of -40 to +125°C,
with linear magnetic range requirements up to ±160 mT.
www.infineon.com/3d-magnetics
www.infineon.com/magnetic-sensors
Features
› 3D magnetic sensing
› Integrated temperature sensing
› 2.8 to 3.5 V operating supply voltage
› Low current consumption
– 0.007 µA in power-down mode
– 10 µA in ultralow power mode
– Up to 10 power modes
› Digital output via a 2-wire standard I2C interface
› Bx, By and Bz linear field measurement ±160 mT
› AEC-Q100 qualified
› 12-bit data resolution for each measurement direction
› Various resolution options from 67 µT/LSB to 134 µT
› Operating temperature range from -40 to +125°C
The XENSIV™ sensor TLE493D-A2B6 features include a sensor address read-back feature for additional communication verification, a
half range mode focusing to half of the magnetic range, ensuring higher accuracy, and an angular mode (for x and y readout only).
With the TLE493D-W2B6/ P2B6 A0-A3, a 3D sensor family with an enhanced dynamic wake-up feature was developed. Four pre-pro-
grammed address options (A0-A3) are available, enabling for a fast start-up initialization when used in I2C bus configurations. Our sensors
include enhanced test options, and safety documentation is available to enable the usage of this sensor in the context of ASIL B systems.
Compared to the previous products of this family the new TLE493D-P2B6 A0-A3 family offers enhance precision in x-, y-,
z- sensing direction, while otherwise featuring the same dynamic wake-up features, programmability, and test options like
TLE493D-W2B6 A0-A3. We provide safety documentation on request for usage of the sensor in the context of ASIL B systems.
Applications
› Control elements for infotainment/navigation systems, air-conditions, multifunctional steering wheels, seat controls
› Top column modules e.g. direction indicator, wiper control
› Gear stick position sensing
› Multi-function knobs
› Pedal/valve position sensing
3D magnetics
3D magnetic sensors
for automotive low power applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com