Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7410 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC7410_1 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
32
Freescale Semiconductor
Package Description
7.5 Package Parameters for the MPC7410, 360 HCTE_LGA
The package parameters are as listed here. The package type is the 25
× 25 mm, 360 high coefficient of thermal
expansion LGA package (HCTE_LGA).
Package outline
25
× 25 mm
Interconnects
360 (19
× 19 land array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
1.92 mm
Maximum module height
2.20 mm
Coefficient of thermal expansion
12.3ppm/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com