Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7410 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC7410_1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
19
Electrical and Thermal Characteristics
The L2CLK_OUT timing diagram is shown in Figure 7.
Figure 7. L2CLK_OUT Output Timing Diagram
L2CLK_OUT output jitter
—
—
±150
—
±150
—
±150
ps
6
Notes:
1. L2CLK outputs are L2CLK_OUTA, L2CLK_OUTB, and L2SYNC_OUT pins. The L2CLK frequency to core
frequency settings must be chosen such that the resulting L2CLK frequency and core frequency do not exceed their
respective maximum or minimum operating frequencies. The maximum L2CLK frequency will be system
dependent. L2CLK_OUTA and L2CLK_OUTB must have equal loading.
2. The nominal duty cycle of the L2CLK is 50% measured at midpoint voltage.
3. The DLL-relock time is specified in terms of L2CLKs. The number in the table must be multiplied by the period of
L2CLK to compute the actual time duration in ns. Relock timing is guaranteed by design and characterization.
4. The L2CR[L2SL] bit should be set for L2CLK frequencies less than 150 MHz. This adds more delay to each tap of
the DLL.
5. Allowable skew between L2SYNC_OUT and L2SYNC_IN.
6. Guaranteed by design and not tested. This output jitter number represents the maximum delay of one tap forward
or one tap back from the current DLL tap as the phase comparator seeks to minimize the phase difference between
L2SYNC_IN and the internal L2CLK. This number must be comprehended in the L2 timing analysis. The input jitter
on SYSCLK affects L2CLK_OUT and the L2 address/data/control signals equally and, therefore, is already
comprehended in the AC timing and does not have to be considered in the L2 timing analysis.
Table 9. L2CLK Output AC Timing Specifications (continued)
At recommended operating conditions (see Table 3)
Parameter
Symbol
400 MHz
450 MHz
500 MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
VM = Midpoint Voltage (L2O
VDD/2)
L2CLK_OUTA
L2CLK_OUTB
L2 Differential Clock Mode
L2 Single-Ended Clock Mode
L2SYNC_OUT
tL2CLK
tCHCL
L2CLK_OUTA
VM
tL2CR
tL2CF
VM
VM
VM
L2CLK_OUTB
VM
VM
VM
VM
VM
tL2CLK
tCHCL
L2SYNC_OUT
VM
VM
VM
VM
VM
VM
VM
VM
tL2CSKW
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com