Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7410 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC7410_1 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
52
Freescale Semiconductor
Document Revision History
0.3
—
Added 3.3 V support on the processor bus (BVSEL).
Table 7—update typical and maximum power numbers for full-on mode in. Removed note 4.
Reworded notes 2 and 3.
Table 9, Note 2—removed reference to application note.
Figure 17—corrected side view datum A to be datum C.
Section 1.8.7—added CI and WT to transfer attribute signals requiring pull-ups.
Section 1.8.7—added 1-k
Ω pull-up recommendation to GBL when GBL is not connected.
Table 2— added pull-down resistance necessary for internally pulled-up voltage select pins. Added
3.3-V support for BVSEL.
Table 13—added note 14 for BVSEL, L2VSEL, and TRST pins to address pull-down resistance
necessary for these internally pulled-up pins to recognize a low signal.
Table 6—lowered 2.5 V CVIH from 2.2 to 2.0 V to be compatible with VOH of the MPC107. Added
support for 3.3-V processor bus.
Table 15—modified note 1, use L2CR[L2SL] for L2CLK frequency less than 150 MHz.
Table 8—revised note 2 discussing for 3.3-V bus voltage support.
Table 14—added note 5, do not use PL off during power-up sequence.
Table 1—update output hold times (tL2CHOX).
0.2
—
Corrected Section 1.3—technology from 0.13 µm to 0.18 µm
.
Updated Table 7—adds power consumption numbers; adds note on estimated decrease w/o AltiVec.
Updated Table 8—adds minimum values for processor frequency and VCO frequency.
Updated Table 9—input setup, output valid times, output hold times, SYSCLK to output high
impedance.
Updated Table 11—L2SYNC_IN to high impedance.
Updated Figure 17—mechanical dimensions, adds capacitor pad dimensions.
0.1
—
Minor updates.
0
—
Initial release.
Table 16. Document Revision History (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com