Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7410 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC7410_1 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
35
System Design Information
The MPC7410 generates the clock for the external L2 synchronous data SRAMs by dividing the core clock
frequency of the MPC7410. The divided-down clock is then phase-adjusted by an on-chip delay-lock-loop (DLL)
circuit and should be routed from the MPC7410 to the external RAMs. A separate clock output, L2SYNC_OUT is
sent out half the distance to the SRAMs and then returned as an input to the DLL on pin L2SYNC_IN so that the
rising-edge of the clock as seen at the external RAMs can be aligned to the clocking of the internal latches in the L2
bus interface.
The core-to-L2 frequency divisor for the L2 PLL is selected through the L2CLK bits of the L2CR register. Generally,
the divisor must be chosen according to the frequency supported by the external RAMs, the frequency of the
0111
4.5x
2x
—
—
—
—
375
(750)
450
(900)
—
1011
5x
2x
—
—
—375
(750)
416
(833)
500
(1000)
—
1001
5.5x
2x
—
—
366
(733)
412
(825)
458
(916)
—
—
1101
6x
2x
—
—
400
(800)
450
(900)
500
(1000)
—
—
0101
6.5x
2x
—
—
433
(866)
488
(967)
—
—
—
0010
7x
2x
—
350
(700)
466
(933)
—
—
—
—
0001
7.5x
2x
—
375
(750)
500
(1000)
—
—
—
—
1100
8x
2x
—
400
(800)
—
—
—
—
—
0000
9x
2x
—
450
(900)
—
—
—
—
—
0011
PLL off/bypass
PLL off, SYSCLK clocks core circuitry directly, 1x bus-to-core implied
1111
PLL off
PLL off, no core clocking occurs
Notes:
1. PLL_CFG[0:3] settings not listed are reserved.
2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core,
or VCO frequencies which are not useful, not supported, or not tested for by the MPC7410; see Section 4.2.1,
“Clock AC Specifications,” for valid SYSCLK, core, and VCO frequencies.
3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, the PLL is disabled, and the
bus mode is set for 1:1 mode operation. This mode is intended for factory use and third-party emulator tool
development only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4. In PLL-off mode, no clocking occurs inside the MPC7410 regardless of the SYSCLK input.
5. PLL-off mode should not be used during chip power-up sequencing.
Table 13. MPC7410 Microprocessor PLL Configuration (continued)
PLL_CFG
[0:3]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to
VCO
Multiplier
Bus
33.3 MHz
Bus
50 MHz
Bus
66.6 MHz
Bus
75 MHz
Bus
83.3 MHz
Bus
100 MHz
Bus
133 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com