Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC7410 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MPC7410
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7410 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MPC7410_1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7410_1 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
18
Freescale Semiconductor
Electrical and Thermal Characteristics
4.2.3
L2 Clock AC Specifications
The L2CLK frequency is programmed by the L2 Configuration Register (L2CR[4:6]) core-to-L2 divisor ratio. See
Table 14 for example core and L2 frequencies at various divisors. Table 9 provides the potential range of L2CLK
output AC timing specifications as defined in Figure 7.
The L2SYNC_OUT signal is intended to be routed halfway out to the SRAMs and then returned to the L2SYNC_IN
input of the MPC7410 to synchronize L2CLK_OUT at the SRAM with the processor’s internal clock. L2CLK_OUT
at the SRAM can be offset forward or backward in time by shortening or lengthening the routing of L2SYNC_OUT
to L2SYNC_IN. See Freescale Application Note AN1794, Backside L2 Timing Analysis for the PCB Design
Engineer.
The minimum L2CLK frequency in Table 9 is specified by the maximum delay of the internal DLL. The variable-tap
DLL introduces up to a full clock period delay in the L2CLK_OUTA, L2CLK_OUTB, and L2SYNC_OUT signals
so that the returning L2SYNC_IN signal is phase-aligned with the next core clock (divided by the L2 divisor ratio).
Do not choose a core-to-L2 divisor that results in an L2 frequency below this minimum, or the L2CLK_OUT signals
provided for SRAM clocking will not be phase-aligned with the MPC7410 core clock at the SRAMs.
The maximum L2CLK frequency shown in Table 9 is the core frequency divided by one. Very few L2 SRAM
designs will be able to operate in this mode. Most designs will select a greater core-to-L2 divisor to provide a longer
L2CLK period for read and write access to the L2 SRAMs. The maximum L2CLK frequency for any application of
the MPC7410 will be a function of the AC timings of the MPC7410, the AC timings for the SRAM, bus loading,
and printed-circuit board trace length.
Freescale is similarly limited by system constraints and cannot perform tests of the L2 interface on a socketed part
on a functional tester at the maximum frequencies in Table 9. Therefore, functional operation and AC timing
information are tested at core-to-L2 divisors of two or greater.
L2 input and output signals are latched or enabled, respectively, by the internal L2CLK (which is SYSCLK
multiplied up to the core frequency and divided down to the L2CLK frequency). In other words, the AC timings in
Table 10 are entirely independent of L2SYNC_IN. In a closed loop system, where L2SYNC_IN is driven through
the board trace by L2SYNC_OUT, L2SYNC_IN only controls the output phase of L2CLK_OUTA and
L2CLK_OUTB which are used to latch or enable data at the SRAMs. However, since in a closed loop system
L2SYNC_IN is held in phase-alignment with the internal L2CLK, the signals in Table 10 are referenced to this
signal rather than the not-externally-visible internal L2CLK. During manufacturing test, these times are actually
measured relative to SYSCLK.
Table 9. L2CLK Output AC Timing Specifications
At recommended operating conditions (see Table 3)
Parameter
Symbol
400 MHz
450 MHz
500 MHz
Unit
Notes
Min
Max
Min
Max
Min
Max
L2CLK frequency
fL2CLK
133
400
133
400
133
400
MHz
1, 4
L2CLK cycle time
tL2CLK
2.5
7.5
2.5
7.5
2.5
7.5
ns
—
L2CLK duty cycle
tCHCL/tL2CLK
50
50
50
%
2
Internal DLL-relock time
—
640
—
640
—
640
—
L2CLK
3
DLL capture window
—
0
10
0
10
0
10
ns
5
L2CLK_OUT
output-to-output skew
tL2CSKW
—50
—
50
—50
ps
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com