Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DMV0141B Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 9DMV0141B
Description  2:1 1.8V PCIe Gen1–5 Clock Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMV0141B Datasheet(HTML) 3 Page - Renesas Technology Corp

  9DMV0141B Datasheet HTML 1Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 2Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 3Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 4Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 5Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 6Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 7Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 8Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
©2025 Renesas Electronics Corporation
R31DS0040EU0300 December 15,
9DMV0131B/9DMV0141B Datasheet
Pin Assignments
Figure 1. Pin Assignments for 3 × 3 mm 16-VFQFPN Package – Top View
Pin Descriptions
Table 1. Pin Descriptions
Number
Name
Type
Description
1
GNDR
GND
Analog ground pin for the differential input (receiver).
2
VDDR1.8
Power
Power supply for differential input clock (receiver). This VDD should be treated as an analog power rail
and filtered appropriately. Nominally 1.8V.
3
VDDR1.8
Power
Power supply for differential input clock (receiver). This VDD should be treated as an analog power rail
and filtered appropriately. Nominally 1.8V.
4
GNDR
GND
Analog ground pin for the differential input (receiver).
5
DIF_INB
Input
True input of differential clock.
6
DIF_INB#
Input
Complement input of differential clock.
7
vSW_MODE
Input
Switch Mode. This pin selects either asynchronous or glitch-free switching of the mux. Use
asynchronous mode if 0 or 1 of the input clocks is running. Use glitch-free mode if both input clocks
are running. This pin has an internal pull-down resistor and is dynamically configurable.
0 = asynchronous mode, 1 = glitch-free mode.
8
^OE0#
Input
Active low input for enabling output 0. This pin has an internal pull-up resistor.
1 = disable output, 0 = enable output.
9
DIF0
Output
Differential true clock output.
10
DIF0#
Output
Differential complementary clock output.
11
GND
GND
Ground pin.
16 15 14 13
GNDR 1
12 VDD1.8
VDDR1.8 2
11 GND
VDDR1.8 3
10 DIF0#
GNDR 4
9 DIF0
5678
Note: Paddle may be connected to ground for thermal purposes. It is
not required electrically.
16-VFQFPN, 3 x 3 mm, 0.5mm pitch
^ prefix indicates internal 120kOhm pull-up resistor
v prefix indicates internal 120kOhm pull-down resistor
9DMV0131
9DMV0141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com