Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DMV0141B Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 9DMV0141B
Description  2:1 1.8V PCIe Gen1–5 Clock Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMV0141B Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 9DMV0141B Datasheet HTML 5Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 6Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 7Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 8Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 9Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 10Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 11Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 12Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
©2025 Renesas Electronics Corporation
R31DS0040EU0300 December 15,
9DMV0131B/9DMV0141B Datasheet
3 SSC spurs from the fundamental and harmonics are removed up to a cutoff frequency of 2MHz taking care to minimize removal of any non-SSC
content.
4 The PCI Express Base Specification 7.0, Revision 1.0 provides the filters necessary to calculate SRIS jitter values; it does not provide specification
limits, hence the n/a in the Limit column. SRIS values are informative only. A common practice is to split the common clock budget in half. For
16GT/s data rates and above, the user must choose whether to use the output jitter specification, or the input jitter specification, which includes an
allocation for the jitter added by the channel. Using 32GT/s, the Refclk jitter budget is 150fs RMS. One half of the Refclk jitter budget is 106fs RMS.
At the clock input, the system must deliver 250fs RMS. One half of this value is 177fs RMS. If the clock is placed next to the PCIe device in an
SRIS system, the channel is very short and the user may choose to use this more relaxed value as the jitter limit.
5 The RMS sum of the source jitter and the additive jitter must be less than the jitter specification listed for the clock generator operating mode.
6 Note that 0.7ps RMS is to be used in channel simulations to account for additional noise in a real system.
7 Note that 0.25ps RMS is to be used in channel simulations to account for additional noise in a real system.
1 Additive jitter for RMS values is calculated by solving for b, where [b = sqrt(c2 - a2)], “a” is RMS input jitter and “c” is RMS total jitter.
2 Driven by SMA100B source.
Test Loads
Figure 2. Low-Power HCSL Output Test Load (standard PCIe source-terminated test load with high
impedance receiver)
Alternate Terminations
The LP-HCSL output can easily drive other logic families. See application note “AN-891 for termination schemes for LVPECL, LVDS,
CML, and SSTL.
Table 12. Non-PCIe Additive Phase Jitter
TAMB = over the specified operating range. Supply Voltages per normal operation conditions. See Test Loads for loading conditions
Parameter
Symbol
Conditions
Minimum Typical Maximum
Unit
Additive Phase Jitter [1]
tjph12k-20Madd
12kHz to 20MHz integration range,
156.25MHz carrier.[2]
—
130
—
fs RMS
Table 13. Parameters for Low-Power HCSL Output Test Load
Device
Rs (
Ω)
Zo (
Ω)
L (inches)
CL (pF)
9DMV0131
24
85
5
2
33
100
5
2
9DMV0141
Internal
100
5
2
Rs
Rs
CL
Differential Zo
CL
Test
Points
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com